Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM79761 Datasheet HTML 1Page - Advanced Micro Devices AM79761 Datasheet HTML 2Page - Advanced Micro Devices AM79761 Datasheet HTML 3Page - Advanced Micro Devices AM79761 Datasheet HTML 4Page - Advanced Micro Devices AM79761 Datasheet HTML 5Page - Advanced Micro Devices AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Am79761
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am79761
Physical Layer 10-Bit Transceiver for Gigabit Ethernet
GigaPHY™-SD)
PACKAGE SIZE OPTION
-10 = 10 x 10 mm body size
-14 = 14 x 14 mm body size
TEMPERATURE RANGE
C = Commercial (0˚C to +70˚C)
Am79761
C
Y
PACKAGE TYPE
Y = 64-Pin Plastic Quad Flat Pack (PDH064)
-10
Valid Combinations
Am79761YC
Am79761YC
-10
-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com