Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 5Page - Advanced Micro Devices AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices AM79761 Datasheet HTML 10Page - Advanced Micro Devices AM79761 Datasheet HTML 11Page - Advanced Micro Devices AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Am79761
9
PRELIMINARY
FUNCTIONAL DESCRIPTION
Overview
The GigaPHY-SD device provides the PMA functionality
for 1000BASE-X systems. The GigiaPHY-SD communi-
cates with the PCS through the 10-bit code groups and
communicates with the Physical Medium Dependent
(PMD) layer to transmit and receive data from the net-
work, through either fiber optic or copper coax media.
The GigaPHY-SD device consists of the following
functional blocks:
n 1000BASE-X Transmit block including:
— Clock Synthesizer
— Serializer and Transmission interface
n 1000BASE-X Receive block including:
— Clock Recovery
— Deserializer
— Word Alignment and synchronization
Clock Synthesizer
The Am79761 clock synthesizer multiplies the refer-
ence frequency provided on the REFCLK pin by 10 to
achieve a baud rate clock at nominally 1.25 GHz. The
clock synthesizer contains a fully monolithic PLL which
does not require any external components.
Serializer
The Am79761 device accepts TTL input data as a par-
allel 10-bit character on the TXD[0:9] bus which is
latched into the input latch on the rising edge of
REFCLK. This data will be serialized and transmitted
on the TX PECL differential outputs at a baud rate of
ten times the frequency of the REFCLK input, with bit
TXD0 transmitted first. User data should be encoded
for transmission using the 8B/10B block code de-
scribed in the IEEE 802.3 specification.
Transmission Character Interface
An encoded byte is 10 bits and is referred to as a trans-
mission character. The 10-bit interface on the
Am79761 device corresponds to a transmission char-
acter. This mapping is shown in Table 20.
Table 20.
Transmission Order and Mapping of an 8B/10B Character
Clock Recovery
The Am79761 device accepts differential high speed
serial inputs on the RX
± pins, extracts the clock and
retimes the data. The Am79761 clock recovery circuitry
is completely monolithic and requires no external com-
ponents. For proper operation, the baud rate of the
data stream to be recovered should be within 0.01% of
ten times the REFCLK frequency. For example, if the
REFCLK used is 125 MHz, then the incoming serial
baud rate must be 1.25 gigabaud
±0.01 percent.
Deserializer
The re-timed serial bit stream is converted into a 10-bit
parallel output character. The Am79761 device provides
complementary TTL recovered clocks, RCLK and
RCLKN, which are at 1/20th of the serial baud rate. This
architecture is designed to simplify demultiplexing of the
10-bit data characters into a 20-bit half-word in the
downstream controller chip. The clocks are generated by
dividing down the high-speed clock which is phase
locked to the serial data. The serial data is re-timed by
the internal high-speed clock and deserialized.
The resulting parallel data will be captured by the
adjoining protocol logic on the rising edges of RCLK and
RCLKN. In order to maximize the setup and hold times
available at this interface, the parallel data is loaded into
the output register at a point nominally midway between
the transition edges of RCLK and RCLKN.
If serial input data is not present or does not meet the
required baud rate, the Am79761 will continue to pro-
duce a recovered clock so that downstream logic may
continue to function. The RCLK and RCLKN output
frequency under these circumstances may differ from
their expected frequency by no more than
±1 percent.
Parallel Data Bits
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
8B/10B Bit Position
j
h
g
f
i
e
d
c
b
a
Comma Character
X
X
X
1111100
Last Data Bit
Transmitted
First Data Bit
Transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com