Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices AM79761 Datasheet HTML 15Page - Advanced Micro Devices AM79761 Datasheet HTML 16Page - Advanced Micro Devices AM79761 Datasheet HTML 17Page - Advanced Micro Devices AM79761 Datasheet HTML 18Page - Advanced Micro Devices AM79761 Datasheet HTML 19Page - Advanced Micro Devices AM79761 Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Am79761
17
PRELIMINARY
MEASUREMENTS
Figure 24.
Parametric Measurement Information
Tr
Tf
Vih(min)
Vil(max)
TTL Input and Output Rise and Fall Time
Receiver Input Eye Diagram Jitter Tolerance Task Mask
Serial Input Rise and Fall Time
80%
Tr
Tf
20%
Bit Time
Amplitude
Eye Width%
75
Ω
VDD – 2.0 V
Z0 = 75W
10 pF
Parametric Test Load Circuit
TTL AC Output Load
Serial Output Load
21560A-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com