Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 10Page - Advanced Micro Devices AM79761 Datasheet HTML 11Page - Advanced Micro Devices AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices AM79761 Datasheet HTML 15Page - Advanced Micro Devices AM79761 Datasheet HTML 16Page - Advanced Micro Devices AM79761 Datasheet HTML 17Page - Advanced Micro Devices AM79761 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Am79761
PRELIMINARY
KEY TO SWITCHING WAVEFORMS
AC CHARACTERISTICS
Figure 21.
Transmit Timing Waveforms
Table 21.
Transmit AC Characteristics
Must be
Steady
May
Change
from H to L
May
Change
from L to H
Does Not
Apply
Don’t Care,
Any Change
Permitted
Will be
Steady
Will be
Changing
from H to L
Will be
Changing
from L to H
Changing,
State
Unknown
Center
Line is High-
Impedance
“Off” State
WAVEFORM
INPUTS
OUTPUTS
KS000010-PAL
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
T1
TXD[0:9] Setup time to the rising
edge of REFCLK
Measured between the valid data
level of TXD[0:9] to the 1.4 V point of
REFCLK
1.5
—
ns
T2
TXD[0:9] hold time after the rising
edge of REFCLK
1.0
—
ns
TSDR,TSDF
TX
± rise and fall time
20% to 80%, 75
Ω load to V
SS, Tested
on a sample basis
—
300
ps
TLAT
Latency from rising edge of
REFCLK to TXD0 appearing on
TX
±-
bc = Bit clocks
ns = Nano second
11bc - 1ns
—
—
REFCLK
TXD[0:9]
10 Bit Data
Data Valid
Data Valid
Data Valid
T1
T2
21560A-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com