Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79761 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices AM79761 Datasheet HTML 10Page - Advanced Micro Devices AM79761 Datasheet HTML 11Page - Advanced Micro Devices AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices AM79761 Datasheet HTML 15Page - Advanced Micro Devices AM79761 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Am79761
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . .-65
° C to +150° C
Ambient Temperature Under Bias . .-55
° C to +125° C
Power Supply Voltage (VDD) . . . . . . . -0.5 V to +4.0 V
DC Voltage (PECL Inputs) . . . . . .-0.5 V to VDD +0.5 V
DC Voltage (TTL Inputs). . . . . . . . . . . -0.5 V to +5.5 V
Output Current (TTL Outputs) . . . . . . . . . . . . -
±50 mA
Output Current (PECL Outputs) . . . . . . . . . . . -
±50 mA
Maximum Input ESD (Human Body Model) . . . 1500 V
Stresses above those listed under Absolute Maximum
Ratings may cause per manent device failure.
Functionality at or above these limits is not implied.
Exposure to absolute maximum ratings for extended
periods may affect device reliability.
OPERATING RANGES
Temperature (TA) 0° C to +70° C for 14 x 14 mm PQFP
. . . . . . . . . . . . . 0
° C to +50° C for 10 x 10 mm PQFP
Power Supply Voltage (DVDD) . . . . . . . . . +3.3 V ±5%
Operating ranges define those limits between which
functionality of the device is guaranteed.
DC CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VIH
Input HIGH voltage (TTL)
2.0
—
5.5
V
VIL
Input LOW voltage (TTL)
0
—
0.8
V
IIH
Input HIGH current (TTL)
VIN =2.4 V
—
50
500
µA
IIL
Input LOW current (TTL)
VIN =0.5 V
—
—
-500
µA
VOH
Output HIGH voltage (TTL)
IOH = -1.0 mA
2.4
—
—
V
VOL
Output LOW voltage (TTL)
IOL = +1.0 mA
—
—
0.5
V
∆V
OUT75
TX Output differential peak-to-
peak voltage swing
75
Ω to V
DD – 2.0 V
1200
—
2200
mVp-p
∆V
OUT50
TX Output differential peak-to-
peak voltage swing
50
Ω to V
DD – 2.0 V
1200
—
2200
mVp-p
∆V
IN
Receiver differential peak-to-
peak Input Sensitivity RX
Internally biased to VDD/2
400
—
3200
mVp-p
IDD
Supply Current
Outputs open,
VDD = VDD max
—
210
290
mA
PD
Power dissipation
Outputs open,
VDD = VDD max
—
700
1000
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com