Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 31Page - Advanced Micro Devices AM79C32A Datasheet HTML 32Page - Advanced Micro Devices AM79C32A Datasheet HTML 33Page - Advanced Micro Devices AM79C32A Datasheet HTML 34Page - Advanced Micro Devices AM79C32A Datasheet HTML 35Page - Advanced Micro Devices AM79C32A Datasheet HTML 36Page - Advanced Micro Devices AM79C32A Datasheet HTML 37Page - Advanced Micro Devices AM79C32A Datasheet HTML 38Page - Advanced Micro Devices AM79C32A Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
Am79C30A/32A Data Sheet
35
Secondary Tone Ringer Frequency Register (STRF), Read/Write; Address = Indirect 6EH
STRF is a Read/Write register controlling the frequency of the secondary tone ringer. Hex codes 7F and 00 are re-
served and should not be used. The coefficients are defined in Table 37.
Table 37.
Frequencies for Secondary Tone Ringer
Counter
Value
Frequency
(Hz)
Counter
Value
Frequency
(Hz)
Counter
Value
Frequency
(Hz)
Counter
Value
Frequency
(Hz)
3F
Reserved
3B
727.3
D8
369.2
F7
247.4
1F
Reserved
9D
716.4
6C
366.4
FB
246.2
0F
12000.0
4E
705.9
36
363.6
FD
244.9
87
9600.0
27
695.7
1B
360.9
7E
243.7
43
8000.0
13
685.7
8D
358.2
BF
242.4
A1
6857.1
09
676.1
C6
355.6
5F
241.2
D0
6000.0
04
666.7
E3
352.9
2F
240.0
E8
5333.3
82
657.5
F1
350.4
97
238.8
F4
4800.0
41
648.7
78
347.8
CB
237.6
7A
4363.6
A0
640.0
3C
345.3
65
236.5
3D
4000.0
50
631.6
9E
342.9
32
235.3
1E
3692.3
A8
623.4
CF
340.4
99
234.2
8F
3428.6
D4
615.4
E7
338.0
CC
233.0
C7
3200.0
6A
607.6
73
335.7
66
231.9
63
3000.0
B5
600.0
39
333.3
B3
230.8
B1
2823.5
DA
592.6
9C
331.0
59
229.7
58
2666.7
6D
585.4
CE
328.8
AC
228.6
2C
2526.3
B6
578.3
67
326.5
56
227.5
16
2400.0
5B
571.4
33
324.3
2B
226.4
0B
2285.7
AD
564.7
19
322.2
15
225.4
05
2181.8
D6
558.1
8C
320.0
8A
224.3
02
2087.0
6B
551.7
46
317.9
C5
223.3
01
2000.0
35
545.5
A3
315.8
62
222.2
80
1920.0
9A
539.3
D1
313.7
31
221.2
40
1846.2
4D
533.3
68
311.7
18
220.2
20
1777.8
A6
527.5
B4
308.7
0C
219.2
10
1714.3
D3
521.7
5A
307.7
06
218.2
88
1655.2
69
516.1
2D
305.7
83
217.2
C4
1600.0
34
510.6
96
303.8
C1
216.2
E2
1548.4
1A
505.3
4B
301.9
E0
215.3
71
1500.0
0D
500.0
25
300.0
70
214.3
38
1454.6
86
494.9
12
298.1
B8
213.3
1C
1411.8
C3
489.8
89
296.3
5C
212.4
8E
1371.4
E1
484.9
44
294.5
AE
211.5
47
1333.3
F0
480.0
A2
292.7
57
210.5
23
1297.3
F8
475.3
51
290.9
AB
209.6
91
1263.2
7C
470.6
28
289.2
55
208.7
48
1230.8
BE
466.0
94
287.4
AA
207.8
A4
1200.0
DF
461.5
4A
285.7
D5
206.9
D2
1170.7
6F
457.1
A5
284.0
EA
206.0
E9
1142.9
B7
452.8
52
282.4
F5
205.1
74
1116.3
DB
448.6
A9
280.7
FA
204.3
3A
1090.9
ED
444.4
54
279.1
7D
203.4
1D
1066.7
F6
440.4
2A
277.5
3E
202.5
0E
1043.5
7B
436.4
95
275.9
9F
201.7
07
1021.3
BD
432.4
CA
274.3
4F
200.8
03
1000.0
5E
428.6
E5
272.7
A7
200.0
81
979.6
AF
424.8
72
271.2
53
199.2
C0
960.0
D7
421.1
B9
269.7
29
198.4
60
941.2
EB
417.4
DC
268.2
14
197.5
30
923.1
75
413.8
EE
266.7
0A
196.7
98
905.7
BA
410.3
77
265.2
85
195.9
4C
888.9
5D
406.8
BB
263.7
42
195.1
26
872.7
2E
403.4
DD
262.3
21
194.3
93
857.1
17
400.0
6E
260.9
90
193.6
49
842.1
8B
396.7
37
259.5
C8
192.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com