Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 82Page - Advanced Micro Devices AM79C32A Datasheet HTML 83Page - Advanced Micro Devices AM79C32A Datasheet HTML 84Page - Advanced Micro Devices AM79C32A Datasheet HTML 85Page - Advanced Micro Devices AM79C32A Datasheet HTML 86Page - Advanced Micro Devices AM79C32A Datasheet HTML 87Page - Advanced Micro Devices AM79C32A Datasheet HTML 88Page - Advanced Micro Devices AM79C32A Datasheet HTML 89Page - Advanced Micro Devices AM79C32A Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
86
Am79C30A/32A Data Sheet
IOM-2 Master Mode Timing
IOM-2 Slave Mode Timing
Notes:
*The +163-ns value can occur once per frame for digital phase lock loop correction.
**CL = 150 pF
Parameter
Signal
Abbr
Test Condition
Min
Max
Units
Data Clock Rise/Fall
SCLK
tR,tF
CL = 150 pF
50
ns
Clock Period
SCLK
tSCL
1.536 MHz
487
815
ns
± 100 PPM
±163 ns*
Pulse Width
SCLK
tWH,
tWL
260
ns
Frame Sync
SFS
tR,tF
CL = 150 pF
50
ns
Frame Sync Setup/Clock
SFS
tSF
CL = 150 pF
50
ns
Frame Sync Delay/Clock
SFS
tFD
CL = 150 pF
0
ns
Frame Sync Hold/Clock
SFS
tFH
CL = 150 pF
50
tWL + 50
ns
Frame Delay
SFS
tDF
CL = 150 pF
–tWL
50
ns
Data Delay/Clock
SBOUT
tDSC
CL = 150 pF
100
ns
Data Hold/Clock
SBOUT
tDHC
CL = 150 pF
70
ns
Data Setup
SBIN
tSD
tWH + 20
ns
Data Hold
SBIN
tHD
50
ns
Parameter
Signal
Abbr
Min
Max
Units
Data Clock Rise/Fall
SCLK
tR,tF
60
ns
Clock Frequency (1/period)
SCLK
1/tSCLK
1.536 MHz
±100 PPM
±163 ns*
Hz
Clock Delay High/Low
BCL
tBLH, tBHL
30
ns
Pulse Width
SCLK
tWH, tWL
240
ns
Frame Sync Rise/Fall
SFS
tR,tF
60
ns
Frame Set-up
SFS
tSF
70
ns
Frame Hold/Clock
SFS
tFH
20
ns
Frame Delay/Clock
SFS
tFD
0ns
Frame Width High
SFS
tWFH
130
ns
Frame Width Low
SFS
tWFL
tSCLK
ns
Data Delay/Clock
SBOUT
tDSC
100**
ns
Data Hold/Clock
SBOUT
tDHC
70
ns
Data Set-up
SBIN
tSD
tWH + 20
ns
Data Hold
SBIN
tHD
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com