Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 6Page - Advanced Micro Devices AM79C32A Datasheet HTML 7Page - Advanced Micro Devices AM79C32A Datasheet HTML 8Page - Advanced Micro Devices AM79C32A Datasheet HTML 9Page - Advanced Micro Devices AM79C32A Datasheet HTML 10Page - Advanced Micro Devices AM79C32A Datasheet HTML 11Page - Advanced Micro Devices AM79C32A Datasheet HTML 12Page - Advanced Micro Devices AM79C32A Datasheet HTML 13Page - Advanced Micro Devices AM79C32A Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
10
Am79C30A/32A Data Sheet
INIT2 Register (INIT2) default = 00H
Address = Indirect 20 Hex, Read/Write
A special write procedure must be followed in order to
modify the contents of the INIT2 Register, since the
INIT2 Register includes control bits which could result
in the stopping of the microprocessor clock. This proce-
dure greatly reduces the probability of errant software
disabling the system, and is described as follows:
1. Write the INIT2 address to the Command Register.
2. Write to the Data Register (INIT2 is not yet up-
dated).
3. Write the INIT2 address to the Command Register.
4. Write to the Data Register (INIT2 is updated).
The writes must take place without any intervening in-
direct accesses to the DSC/IDC circuit.
RESET Operation
The Am79C30A/32A can be reset by driving the
RESET pin High. When power is first supplied to the
DSC/IDC circuit, a reset must be performed. This ini-
tializes the DSC/IDC circuit to its default condition as
defined in Table 3.
Receive and Transmit Abort Commands
The microprocessor has the option via INIT Register
bits 6 and 7 to abort the receive and transmit D-channel
packets. When the microprocessor sets one of these
bits, the Am79C30A/32A aborts the respective opera-
tion. The frame abort sequence is defined in greater
detail later. (See the Data Link Controller section on
page 36.)
Interrupt Handling
The Am79C30A/32A generates either no interrupt or
only one interrupt every 125 µs. Once asserted, INT re-
mains active until the microprocessor responds by inter-
rogating the Am79C30A/32A’s Interrupt Register (IR)
(see Table 4). Reading the IR in response to an acti-
vated INT pin deactivates the INT pin and clears the IR.
If an event causing an interrupt occurs while the IR is
being read by the microprocessor, the effect of the
event is held until the microprocessor has completed its
read cycle. A reset clears all conditions causing inter-
rupts.
Bits 0, 1, and 4 of the IR, if set, advise the microproces-
sor that the respective buffer is ready for reading or
writing. If bit 0 is set due to an empty buffer, the D-chan-
nel Transmit buffer must be serviced within 375
µs. If bit
1 is set and the D-channel Receive buffer is full, the
buffer must be serviced within 425
µs. This is to prevent
erroneous data transfers causing transmitter underrun
and receiver overrun errors. If bit 4 is set then the Bb or
Table 2.
INIT2 Register
Bit
7
6
5
4
3
2
1
0 Function
0 0
XXX
XXX Reserved, must be written to 0;
READs are undefined
0 0
0
X X
X X X Power-Down disabled; writing
11 to the INIT Register will put
the DSC/IDC circuit into Idle
mode
0 0
1
X X
X X X Power-Down enabled; writing
11 to the INIT Register will put
the DSC/IDC circuit into
Power-Down mode
0 0
X
0
X
X X X Multiframe Interrupt filter
disabled
0 0
X
1
X
X X X Multiframe Interrupt filter
enabled (see LIU section for
detailed description)
0 0
X X X
0
X X Clock speed-up option disabled
0 0
X X X
1
X X Clock speed-up option enabled;
if set, this register bit will be
cleared when the DLC FIFO
receive threshold or second
packet received interrupt is
triggered
0 0
X X X
0
0
0 MCLK frequency determined by
INIT Register
0 0
X X X
0
0
1 MCLK frequency is 1.536 MHz
0 0
X X X
0
1
0 MCLK frequency is 768 kHz
0 0
X X X
0
1
1 MCLK frequency is 384 kHz
0 0
X X X
1
0
0 MCLK stopped in High state
0 0
X X X
1
0
1 Reserved
0 0
X X X
1
1
0 Reserved
0 0
X X X
1
1
1 Reserved
Table 3.
Reset Pin Conditions
Pin Name
State Following RESET
D7–D0
High Impedance
MCLK
6.144 MHz
INT
Logical 1
SBOUT
High Impedance
SFS
High Impedance
SCLK
High Impedance
LS1, LS2
High Impedance
EAR1
High Impedance
EAR2
High Impedance
AREF
High Impedance
LOUT1
High Impedance
LOUT2
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com