Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 37Page - Advanced Micro Devices AM79C32A Datasheet HTML 38Page - Advanced Micro Devices AM79C32A Datasheet HTML 39Page - Advanced Micro Devices AM79C32A Datasheet HTML 40Page - Advanced Micro Devices AM79C32A Datasheet HTML 41Page - Advanced Micro Devices AM79C32A Datasheet HTML 42Page - Advanced Micro Devices AM79C32A Datasheet HTML 43Page - Advanced Micro Devices AM79C32A Datasheet HTML 44Page - Advanced Micro Devices AM79C32A Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
Am79C30A/32A Data Sheet
41
D-Channel Receive and Transmit Errors
Non-Integer Number of Bytes
A non-integer number of bytes occurs when the num-
ber of D-channel bits received between opening and
closing flags is not divisible by eight. If a received
packet consists of a non-integer number of bytes, the
DLC sets bit 1 in the D-channel Error Register (DER) to
a logical 1 when the last byte of the associated packet
is read from the D-channel Receive buffer.
Frame Check Sequence Error
If a received packet, including its 16-bit Frame Check
Sequence, is not received perfectly, the DLC sets DER
bit 3 to a logical 1 when the last byte of the associated
packet is read from the Receive buffer.
Receive Packet Abort
If seven contiguous 1s are received while receiving a
packet, the packet will be terminated. DER bit 0 will be
set to a logical 1 when the last byte of the associated
packet is read from the D-channel Receive buffer.
Overflow
Overflow occurs when the total number of D-channel
bytes within a packet (including, only when enabled,
the Frame Check Sequence bytes) exceeds the limit
contained in the D-channel Receive Byte Limit Regis-
ter. (See Receiving D-channel Packets section.) When
overflow occurs, the DLC terminates the packet, and
sets DER bit 4 to a logical 1 when the last byte of the
associated packet is read from the D-channel Receive
buffer.
Underflow
If a received D-channel (including FCS) packet is less
than 5 bytes for a 2-byte address packet, an underflow
error condition occurs, and the DLC sets DER bit 5 to a
logical 1 when the last byte of the associated packet is
read from the D-channel Receive buffer.
Overrun
A D-channel overrun error occurs when the receiver
buffer is full, and another byte is received. This can
happen if the D-channel Receive buffer fills, and is not
read within 425
µs. When this error occurs, the DLC
sets DER bit 6 to a logical 1 and terminates the packet.
Underrun
A D-channel underrun error occurs when an empty
D-channel buffer is transmitted. This can happen if the
D-channel Transmit buffer is not loaded within 375
µs
of the D-channel Transmit buffer Empty interrupt being
asserted (IR bit 0). When this error occurs, the DLC
sets DER bit 7 to a logical 1 and terminates the packet.
Receive Packet Lost
Receive Packet Lost occurs when two outstanding
packets have been received and not serviced (the mi-
croprocessor has not read the DCRB register), and a
third packet is received. When this error occurs, DSR2
bit 2 is set to a logical 1 and the incoming packet is ter-
minated (not received).
DLC REGISTERS
The DLC contains the following registers.
Registers
Number of Registers
Mnemonic
First Received Byte Address Registers
4
FRAR
Second Received Byte Address Registers
4
SRAR
Transmit Address Register (16-bit)
1
TAR
D-channel Receive Byte Limit Register (16-bit)
1
DRLR
D-channel Receive Byte Count Register (16-bit) (2-word FIFO)
1
DRCR
D-channel Transmit Byte Count Register (16-bit)
1
DTCR
Random Number Generator Registers
2
RNGR
D-channel mode registers
4
DMR
Address Status Register (2-byte FIFO)
1
ASR
Extended FIFO Control Register
1
EFCR
D-channel Transmit buffer Register
—
DCTR
D-channel Receive buffer Register
—
DCRB
D-channel Status Register #1
1
DSR1
D-channel Status Register #2
1
DSR2
D-channel Error Register (2-byte FIFO)
1
DER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com