Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 76Page - Advanced Micro Devices AM79C32A Datasheet HTML 77Page - Advanced Micro Devices AM79C32A Datasheet HTML 78Page - Advanced Micro Devices AM79C32A Datasheet HTML 79Page - Advanced Micro Devices AM79C32A Datasheet HTML 80Page - Advanced Micro Devices AM79C32A Datasheet HTML 81Page - Advanced Micro Devices AM79C32A Datasheet HTML 82Page - Advanced Micro Devices AM79C32A Datasheet HTML 83Page - Advanced Micro Devices AM79C32A Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
80
Am79C30A/32A Data Sheet
Microprocessor Read/Write Timing
Microprocessor Read Timing
Microprocessor Write Timing
Notes:
1. The read/write recovery time of 200 ns holds in all cases except when a write command register operation is followed by a
read data register operation when accessing the MAP coefficient RAM. This operation requires a minimum recovery time of
450 ns.
2. Successive reads of the D-Channel Receive Buffer require a minimum cycle time (tRLRH + tRHRL) of 480 ns.
3. Read access time is measured from the falling edge of CS or the falling edge of RD, whichever occurs last.
4. CS may go Low before either RD or WR goes Low.
5. In minimal systems, CS may be tied Low.
6. Read and write indirect register operations cannot be mixed without at least one write command register operation between
them.
7. CS may go High before either RD or WR goes High.
8. If CS goes High before WR goes High, the minimum Address Hold time becomes 12 ns.
9. RD and WR pulse width, Address setup and hold, and Data setup and hold timing are measured from the points where both
CS and RD or WR are Low simultaneously.
Parameter Symbol
Parameter Description
Min
Max
Units
tRLRH
RD Pulse Width
200
ns
tRHRL
Read Recovery Time (Notes 1, 2)
200
ns
tAVRL
Address Valid to RD Low
20
ns
tAHRH
Address Hold After RD High
10
ns
tRHCH
RD High to CS High (Note 7)
0
ns
tRACC
Read Access Time (Note 3)
80
ns
tRHDZ
RD High to Data Hi-Z
50
ns
tRDCS
RD Low to CS Low (Note 4)
30
ns
Parameter Symbol
Parameter Description
Min
Max
Units
tWLWH
WR Pulse Width
200
ns
tWHWL
Write Recovery Time (Note 1)
200
ns
tAVWL
Address Valid to WR Low
20
ns
tAHWH
Address Hold After WR High (Note 8)
10
ns
tWHCH
WR High to CS High (Note 7)
0
ns
tDSWH
Data Setup to WR High
100
ns
tDHWH
Data Hold After WR High
10
ns
tWRCS
WR Low to CS Low (Note 4)
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com