Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 60Page - Advanced Micro Devices AM79C32A Datasheet HTML 61Page - Advanced Micro Devices AM79C32A Datasheet HTML 62Page - Advanced Micro Devices AM79C32A Datasheet HTML 63Page - Advanced Micro Devices AM79C32A Datasheet HTML 64Page - Advanced Micro Devices AM79C32A Datasheet HTML 65Page - Advanced Micro Devices AM79C32A Datasheet HTML 66Page - Advanced Micro Devices AM79C32A Datasheet HTML 67Page - Advanced Micro Devices AM79C32A Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
64
Am79C30A/32A Data Sheet
Peripheral Port Control Register 2 (PPCR2)
Default = Bits 7, 6, and 0 = 0, Bit 5 = 1, Bits 4–1 are Indeterminate*
Address = Indirect C8 Hex, Read/Write
The Peripheral Port Control Register 2 controls the inversion of the SCLK output in SBP mode. This provides flexi-
bility in the connection of peripheral devices to the DSC circuit. The hardware revision code is also contained in this
register, which allows software to identify the revision of the hardware.
Note:
* The default value is revision-level dependent. Revision J will report a hardware revision code of 110.
Peripheral Port Control Register 3 (PPCR3)
Default = Bits 7–5 are Indeterminate, Bit 4=1, Bit 3=0, Bits 2-0= 1
Address = Indirect C9 Hex, Read/Write
7
654
32
10
REV
CODE
BIT 2
(MSB)
REV
CODE
BIT 1
REV
CODE
BIT 0
(LSB)
RSRVD
RSRVD
RSRVD
RSRVD
SCLK
INVRT
ENABL
Bit
Function
7–5
Hardware Revision Code—This read-only field reports the hardware revision level. Revision J of the DSC circuit will
report a hardware revision code of 110. The hardware revision codes for E and H are 100, 010, respectively.
0
SCLK Inversion Enable—When set, the SCLK output is inverted in SBP mode. When cleared, the SCLK output is
identical to the Revision D DSC circuit. This bit should not be changed while SCLK is enabled.
Bit
Function
7–5
RESERVED
4
SLAVE Mode Bus Reversal—PPCR3.4 controls the bus reversal function of the DSC’s IOM-2 SLAVE mode. By default
(PPCR3.4=1) the Slave bus reverses to ensure backwards compatibility with previous revisions. When PPCR3.4=0 the
IOM-2 bus will not reverse in SLAVE mode. This assures slave compatibility of the control function and allows use with
devices such as the ISAC-S.
3
TIC Bus Enable—PPCR3.3 controls enabling and disabling of TIC bus operation. When PPCR3.3=0 which is the default
condition, the IOM-2 bus will not support the TIC bus feature to ensure backwards compatibility with previous IOM-2
capable revisions of the 79C30A. The TIC bus control logic features are only enabled if PPCR3.3=1.
Features enabled when PPCR3.3=1
S/G bit
When the DSC is in IOM-2 MASTER mode the CTS output of the LIU is used to drive the transmitted S/G bit. This signal
indicates D-channel Clear To Send status and is set when the LIU collision detection logic fulfills the programmed priority
level requirements.
When in IOM-2 SLAVE mode the received S/G bit is used as the Clear To Send input into the DLC block.
TIC Address Bus and Bus Accessed
Refer to TIC bus operation section.
2–0
TIC Bus Address—Device address to be used on TIC bus. Default is 111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com