Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32A Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 15Page - Advanced Micro Devices AM79C32A Datasheet HTML 16Page - Advanced Micro Devices AM79C32A Datasheet HTML 17Page - Advanced Micro Devices AM79C32A Datasheet HTML 18Page - Advanced Micro Devices AM79C32A Datasheet HTML 19Page - Advanced Micro Devices AM79C32A Datasheet HTML 20Page - Advanced Micro Devices AM79C32A Datasheet HTML 21Page - Advanced Micro Devices AM79C32A Datasheet HTML 22Page - Advanced Micro Devices AM79C32A Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 101 page
background image
Am79C30A/32A Data Sheet
19
LIU Mode Register (LMR1), Read/Write
Address = Indirect A3H
LMR1 is defined in Table 12.
Notes:
The F and FA bits in LMR1 (bits 2 and 3) should be enabled during the activation procedure so the Am79C30A/32A can respond
with INFO 3.
LMR1 bit 4 is used to transfer the signals PH-AR and Expiry of Timer from the microprocessor to the LIU (see CCITT I.430 state
diagram—activation request). PH-AR is defined as bit 4 being a logical 1 and Expiry of Timer is defined as the transition of bit 4
from a logical 1 to a logical 0. This bit must not be set until the LIU, as reflected in the LSR, is in state F3, F6, or F7 and the
receiver has been enabled for a minimum of 250 µs.
LMR1 bit 6 is primarily used to disable the receiver when the terminal does not require access to the S Interface signals. This bit
is cleared by reset and must be written to logical 1 in order to receive activation from the S Interface, or to request activation.
LIU Mode Register 2 (LMR2), Read/Write
Address = Indirect A4H
LMR2 is used to select the operations found in Table 13.
Table 12.
LIU Mode Register 1
Bit
Logical 1
Logical 0 (default value)
0
Enable B1 transmit
Disable B1 transmit
1
Enable B2 transmit
Disable B2 transmit
2
Disable F transmit
Enable F transmit
3
Disable FA transmit
Enable FA transmit
4
Activation request
No activation request
5
Go from F8 to F3
No transition
6
Enable receiver/transmitter
Disable receiver/transmitter
7
Reserved; must be set to logical 0
Reserved; must be set to logical 0
Table 13.
LIU Mode Register 2
Bit
Logical 1
Logical 0 (Default Value)
0
D-channel loopback at Am79C30A/32A enable
D-channel loopback at Am79C30A/32A disable
1
D-channel loopback at LIU enable
D-channel loopback at LIU disable
2
D-channel back-off disable
D-channel back-off enable
3
F3 change of state interrupt enable
F3 change of state interrupt disable
4
F8 change of state interrupt enable
F8 change of state interrupt disable
5
HSW interrupt enable
HSW interrupt disable
6
F7 change of state interrupt enable
F7 change of state interrupt disable
7
Reserved; must be set to logical 0
Reserved; must be set to logical 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com