Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 35Page - Advanced Micro Devices AM79C971 Datasheet HTML 36Page - Advanced Micro Devices AM79C971 Datasheet HTML 37Page - Advanced Micro Devices AM79C971 Datasheet HTML 38Page - Advanced Micro Devices AM79C971 Datasheet HTML 39Page - Advanced Micro Devices AM79C971 Datasheet HTML 40Page - Advanced Micro Devices AM79C971 Datasheet HTML 41Page - Advanced Micro Devices AM79C971 Datasheet HTML 42Page - Advanced Micro Devices AM79C971 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 265 page
background image
Am79C971
39
Basic Non-Burst Write Transfer
By default, the Am79C971 controller uses non-burst
cy cles i n a ll bu s ma ster wr ite operations. All
Am79C971 controller non-burst write accesses are of
the PCI command type Memory Write (type 7). The
byte enable signals indicate the byte lanes that have
valid data.The Am79C971 controller typically performs
more than one non-burst write transaction within a sin-
gle bus mastership period. FRAME is dropped be-
tween consecutive non-burst write cycles. REQ,
however, stays asserted until FRAME is asserted for
the last transaction. The Am79C971 supports zero wait
state write cycles except with descriptor write transfers.
(See the section Descriptor DMA Transfers for the only
exception.) It asserts IRDY immediately after the ad-
dress phase.
Figure 14 shows two non-burst write transactions. The
first transaction has two wait states. The target inserts
one wait state by asserting DEVSEL one clock late and
another wait state by also asserting TRDY one clock
late. The second transaction shows a zero wait state
write cycle. The target asserts DEVSEL and TRDY in
the same cycle as the Am79C971 controller asserts
IRDY.
Basic Burst Write Transfer
The Am79C971 controller supports burst mode for all
bus master write operations. The burst mode must be
enabled by setting BWRITE (BCR18, bit 5). To allow
burst transfers in descriptor write operations, the
Am79C971 controller must also be programmed to use
SWSTYLE 3 (BCR20, bits 7-0). All Am79C971 control-
ler burst write transfers are of the PCI command type
Memory Write (type 7). AD[1:0] will both be 0 during the
address phase indicating a linear burst order. The byte
enable signals indicate the byte lanes that have valid
data.
The Am79C971 controller will always perform a single
burst write transaction per bus mastership period,
where transaction is defined as one address phase and
one or multiple data phases. The Am79C971 controller
supports zero wait state write cycles except with the
case of descriptor write transfers. (See the section De-
scriptor DMA Transfers for the only exception.) The de-
vice asserts IRDY immediately after the address phase
and at the same time star ts sampling DEVSEL.
FRAME is deasserted when the next to last data phase
is completed.
Figure 14.
Non-Burst Write Transfer
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0111
PAR
1
2345678
10
9
DATA
ADDR
DATA
PAR
PAR
PAR
BE
0111
BE
20550D-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com