Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 82Page - Advanced Micro Devices AM79C971 Datasheet HTML 83Page - Advanced Micro Devices AM79C971 Datasheet HTML 84Page - Advanced Micro Devices AM79C971 Datasheet HTML 85Page - Advanced Micro Devices AM79C971 Datasheet HTML 86Page - Advanced Micro Devices AM79C971 Datasheet HTML 87Page - Advanced Micro Devices AM79C971 Datasheet HTML 88Page - Advanced Micro Devices AM79C971 Datasheet HTML 89Page - Advanced Micro Devices AM79C971 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 265 page
background image
86
Am79C971
Figure 43.
EPROM Only Configuration for the Expansion Bus (64K EPROM)
After the Expansion ROM is enabled, the Am79C971
controller will claim all memory read accesses with an
address between ROMBASE and ROMBASE + 1M - 4
(ROMBASE, PCI Expansion ROM Base Address reg-
ister, bits 31-20). The address output to the Expansion
ROM is the offset from the address on the PCI bus to
ROMBASE. The Am79C971 controller aliases all ac-
cesses to the Expansion ROM of the command types
Memory Read Multiple and Memory Read Line to the
basic Memory Read command.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given to
the PCI Memory Mapped I/O Base Address register,
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base Ad-
dress register to a value that prevents the Am79C971
controller from claiming any memory cycles not in-
tended for it.
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55h (byte 0) and AAh (byte 1). A design without
Expansion ROM can guarantee that the Expansion
ROM detection fails by connecting two adjacent EBD
pins together and tying them high or low.
Direct Flash Access
Am79C971 controller supports Flash as an Expansion
ROM device, as well as providing a read/write data
path to the Flash. The Am79C971 controller will sup-
port up to 1 Mbyte of Flash on the Expansion Bus. The
Flash is accessed by a read or write to the Expansion
Bus Data port (BCR30). The user must load the upper
address EPADDRU (BCR 29, bits 3-0) and then set the
FLASH (BCR29, bit 15) bit to a 1. The Flash read/write
utilizes the PCI clock instead of the EBCLK during all
accesses. EPADDRU is not needed if the Flash size is
64K or less, but still must be programmed. The user will
then load the lower 16 bits of address, EPADDRL (BCR
28, bits 15-0).
Flash/EPROM Read
A read to the Expansion Bus Data Port (BCR30) will
start a read cycle on the Expansion Bus Interface. The
Am79C971 controller will drive EBUA_EBA[7:0] with
the most significant address byte at the same time the
Am79C971 controller will drive AS_EBOE high to
strobe the address in the external ‘374 (D flip-flop). On
the next clock, the Am79C971 controller will drive
EBDA[15:8] and EBUA_EBA[7:0] with the middle and
least significant address bytes.
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
ERAMCS
EROMCS
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C971
EPROM
AS_EBOE
20550D-46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com