Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 42Page - Advanced Micro Devices AM79C971 Datasheet HTML 43Page - Advanced Micro Devices AM79C971 Datasheet HTML 44Page - Advanced Micro Devices AM79C971 Datasheet HTML 45Page - Advanced Micro Devices AM79C971 Datasheet HTML 46Page - Advanced Micro Devices AM79C971 Datasheet HTML 47Page - Advanced Micro Devices AM79C971 Datasheet HTML 48Page - Advanced Micro Devices AM79C971 Datasheet HTML 49Page - Advanced Micro Devices AM79C971 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 265 page
background image
46
Am79C971
Whenever the Am79C971 controller is the current bus
master and a data parity error occurs, SINT (CSR5, bit
11) will be set to 1. When SINT is set, INTA is asserted
if the enable bit SINTE (CSR5, bit 10) is set to 1. This
mechanism can be used to inform the driver of the sys-
tem error. The host can read the PCI Status register to
determine the exact cause of the interrupt. The setting
of SINT due to a data parity error is not dependent on
the setting of PERREN (PCI Command register, bit 6).
By default, a data parity error does not affect the state
of the MAC engine. The Am79C971 controller treats the
data in all bus master transfers that have a parity error
as if nothing has happened. All network activity contin-
ues.
Advanced Parity Error Handling
For all DMA cycles, the Am79C971 controller provides
a second, more advanced level of parity error handling.
This mode is enabled by setting APERREN (BCR20, bit
10) to 1. When APERREN is set to 1, the BPE bits
(RMD1 and TMD1, bit 23) are used to indicate parity
error in data transfers to the receive and transmit buff-
ers. Note that since the advanced parity error handling
uses an additional bit in the descriptor, SWSTYLE
(BCR20, bits 7-0) must be set to 2 or 3 to program the
Am79C971 controller to use 32-bit software structures.
The Am79C971 controller will react in the following way
when a data parity error occurs:
s Initialization block read: STOP (CSR0, bit 2) is set to
1 and causes a STOP_RESET of the device.
s Descriptor ring read: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
s Descriptor ring write: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
s Transmit buffer read: BPE (TMD1, bit 23) is set in
the current transmit descriptor. Any on-going net-
work transmission is terminated in an orderly se-
quence.
s Receive buffer write: BPE (RMD1, bit 23) is set in
the last receive descriptor associated with the frame.
Terminating on-going network transmission in an order-
ly sequence means that if less than 512 bits have been
transmitted onto the network, the transmission will be
terminated immediately, generating a runt packet.
Figure 23.
Initialization Block Read In Non-Burst Mode
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
IADDi
0000
0110
PAR
PAR
DATA
DATA
IADDi+4
0000
0110
PAR
PAR
1
2345678
10
9
20550D-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com