Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 93Page - Advanced Micro Devices AM79C971 Datasheet HTML 94Page - Advanced Micro Devices AM79C971 Datasheet HTML 95Page - Advanced Micro Devices AM79C971 Datasheet HTML 96Page - Advanced Micro Devices AM79C971 Datasheet HTML 97Page - Advanced Micro Devices AM79C971 Datasheet HTML 98Page - Advanced Micro Devices AM79C971 Datasheet HTML 99Page - Advanced Micro Devices AM79C971 Datasheet HTML 100Page - Advanced Micro Devices AM79C971 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 265 page
background image
Am79C971
97
There are two checksum locations within the EE-
PROM. The first checksum will be used by AMD driver
software to verify that the ISO 8802-3 (IEEE/ANSI
802.3) station address has not been corrupted. The
value of bytes 0Ch and 0Dh should match the sum of
bytes 00h through 0Bh and 0Eh and 0Fh. The second
checksum location (byte 3Fh) is not a checksum total,
but is, instead, a checksum adjustment. The value of
this byte should be such that the total checksum for the
entire 64 bytes of EEPROM data equals the value FFh.
The checksum adjust byte is needed by the Am79C971
controller in order to verify that the EEPROM content
has not been corrupted.
LED Support
The Am79C971 controller can support up to four LEDs.
LED outputs LED0, LED1, and LED2 allow for direct
connection of an LED and its supporting pullup device.
In applications that want to use the pin to drive an LED
and also have an EEPROM, it might be necessary to
buffer the LED3 circuit from the EEPROM connection.
When an LED circuit is directly connected to the
EEDO/LED3/SRD pin, then it is not possible for most
EEPROM devices to sink enough IOL to maintain a valid
low level on the EEDO input to the Am79C971 control-
ler.
Each LED can be programmed through a BCR register
to indicate one or more of the following network status
or activities: Collision Status, Full-Duplex Link Status,
Half-Duplex Link Status, Jabber Status, Receive
Match, Receive Polarity, Receive Status, Magic Packet,
Disable Transceiver, MII Enable Status, and Transmit
Status. The LED pins can be configured to operate in
either open-drain mode (active low) or in totem-pole
mode (active high). The output can be stretched to
allow the human eye to recognize even short events
that last only several microseconds. After H_RESET,
the four LED outputs are configured as shown in Table
14:
Table 14.
LED Default Configuration
For each LED register, each of the status signals is
AND’d with its enable signal, and these signals are all
OR’d together to form a combined status signal. Each
LED pin combined status signal can be programmed to
run to a pulse stretcher, which consists of a 3-bit shift
register clocked at 38 Hz (26 ms). The data input of
each shift register is normally at logic 0. The OR gate
output for each LED register asynchronously sets all
three bits of its shift register when the output becomes
asserted. The inverted output of each shift register is
used to control an LED pin. Thus, the pulse stretcher
provides 2 to 3 clocks of stretched LED output, or 52
ms to 78 ms. See Figure 54.
Figure 54.
LED Control Logic
Power Savings Modes
SLEEP Mode
The Am79C971 controller supports two hardware
power savings modes. Both are entered by driving the
SLEEP pin LOW and by leaving the MPMODE (CSR 5,
bit 1) bit at its default value of 0.
The power down mode that yields the most power sav-
ings is called, coma mode. In coma mode, the entire
device is shut down. All inputs are ignored except the
SLEEP pin itself. Coma mode is enabled when AWAKE
(BCR2, bit 2) is at its default value of 0 and SLEEP is
asserted.
The second power saving mode is called, snooze
mode. In snooze mode, enabled by setting AWAKE to
1 and driving the SLEEP pin LOW, the T-MAU receive
LED
Output
Indication
Driver Mode
Pulse Stretch
LED0
Link Status
Open Drain -
Active Low
Enabled
LED1
Receive
Status
Open Drain -
Active Low
Enabled
LED2
Receive
Polarity
Open Drain -
Active Low
Enabled
LED3
Transmit
Status
Open Drain -
Active Low
Enabled
COL
COLE
FDLS
FDLSE
JAB
JABE
LNKST
LNKSE
RCV
RCVE
RCVM
RCVME
RXPOL
RXPOLE
XMT
XMTE
TO
PULSE
STRETCHER
ledctrl.eps
MII_SEL
MIISE
MR_SPEED_SEL
100E
MPS
MPSE
LNKST
DXCVRCTL
20550D-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com