Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 91Page - Advanced Micro Devices AM79C971 Datasheet HTML 92Page - Advanced Micro Devices AM79C971 Datasheet HTML 93Page - Advanced Micro Devices AM79C971 Datasheet HTML 94Page - Advanced Micro Devices AM79C971 Datasheet HTML 95Page - Advanced Micro Devices AM79C971 Datasheet HTML 96Page - Advanced Micro Devices AM79C971 Datasheet HTML 97Page - Advanced Micro Devices AM79C971 Datasheet HTML 98Page - Advanced Micro Devices AM79C971 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 265 page
background image
Am79C971
95
If the user wishes to modify any of the configuration bits
that are contained in the EEPROM, then the seven
command, data and status bits of BCR19 can be used
to write to the EEPROM. After writing to the EEPROM,
the host should set the PREAD bit of BCR19. This
action forces an Am79C971 controller reread of the
EEPROM so that the new EEPROM contents will be
loaded into the EEPROM-programmable registers on
board the Am79C971 controller. (The EEPROM-pro-
grammable registers may also be reprogrammed di-
rectly, but only information that is stored in the
EEPROM will be preserved at system power-down.)
When the PREAD bit of BCR19 is set, it will cause the
Am79C971 controller to ignore further accesses to the
Am79C971 configuration space, the Expansion ROM,
or any I/O resource until the completion of the EE-
PROM read operation. The Am79C971 controller will
terminate these access attempts with the assertion of
DEVSEL and STOP while TRDY is not asserted, sig-
naling to the initiator to disconnect and retry the access
at a later time.
EEPROM Auto-Detection
The Am79C971 controller uses the EESK/LED1/SFBD
pin to determine if an EEPROM is present in the sys-
tem. At the rising edge of CLK during the last clock dur-
ing which RST is asserted, the Am79C971 controller
will sample the value of the EESK/LED1/SFBD pin. If
the sampled value is a 1, then the Am79C971 controller
assumes that an EEPROM is present, and the EE-
PROM read operation begins shortly after the RST pin
is deasserted. If the sampled value of EESK/LED1/
SFBD is a 0, the Am79C971 controller assumes that an
external pulldown device is holding the EESK/LED1/
SFBD pin low, indicating that there is no EEPROM in
the system. Note that if the designer creates a system
that contains an LED circuit on the EESK/LED1/SFBD
pin, but has no EEPROM present, then the EEPROM
auto-detection function will incorrectly conclude that an
EEPROM is present in the system. However, this will
not pose a problem for the Am79C971 controller, since
the checksum verification will fail.
Direct Access to the Interface
The user may directly access the port through the
EEPROM register, BCR19. This register contains bits
that can be used to control the interface pins. By per-
forming an appropriate sequence of accesses to
BCR19, the user can effectively write to and read from
the EEPROM. This feature may be used by a system
configuration utility to program hardware configuration
information into the EEPROM.
EEPROM-Programmable Registers
The following registers contain configuration informa-
tion that will be programmed automatically during the
EEPROM read operation:
s I/O offsets 0h-Fh Address PROM locations
s BCR2
Miscellaneous Configuration
s BCR4
LED0 Status
s BCR5
LED1 Status
s BCR6
LED2 Status
s BCR7
LED3 Status
s BCR9
Full-Duplex Control
s BCR18
Burst and Bus Control
s BCR22
PCI Latency
s BCR23
PCI Subsystem Vendor ID
s BCR24
PCI Subsystem ID
s BCR25
SRAM Size
s BCR26
SRAM Boundary
s BCR27
SRAM Interface Control
s BCR32
MII Control and Status
s BCR33
MII Address
s BCR35
PCI Vendor ID
If PREAD (BCR19, bit 14) and PVALID (BCR19, bit 15)
are cleared to 0, then the EEPROM read has experi-
enced a failure and the contents of the EEPROM pro-
gram mable BCR register will be set to default
H_RESET values. The content of the Address PROM
locations, however, will not be cleared.
Note that accesses to the Address PROM I/O locations
do not directly access the Address EEPROM itself. In-
stead, these accesses are routed to a set of shadow
registers on board the Am79C971 controller that are
loaded with a copy of the EEPROM contents during the
automatic read operation that immediately follows the
H_RESET operation.
EEPROM MAP
The automatic EEPROM read operation will access 32
words (i.e., 64 bytes) of the EEPROM. The format of
the EEPROM contents is shown in Table 14, beginning
with the byte that resides at the lowest EEPROM ad-
dress.
Note that the first bit out of any word location in the EE-
PROM is treated as the MSB of the register being pro-
grammed. For example, the first bit out of EEPROM
word location 09h will be written into BCR4, bit 15; the
second bit out of EEPROM word location 09h will be
written into BCR4, bit 14, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com