Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 56Page - Advanced Micro Devices AM79C971 Datasheet HTML 57Page - Advanced Micro Devices AM79C971 Datasheet HTML 58Page - Advanced Micro Devices AM79C971 Datasheet HTML 59Page - Advanced Micro Devices AM79C971 Datasheet HTML 60Page - Advanced Micro Devices AM79C971 Datasheet HTML 61Page - Advanced Micro Devices AM79C971 Datasheet HTML 62Page - Advanced Micro Devices AM79C971 Datasheet HTML 63Page - Advanced Micro Devices AM79C971 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 265 page
background image
60
Am79C971
a value of 9531 (253Bh). The default value of STVAL is
FFFFh which yields the approximate maximum 838 ms
timer duration. A write to STVAL restarts the timer with
the new contents of STVAL.
Media Access Control
The Media Access Control (MAC) engine incorporates
the essential protocol requirements for operation of an
Ethernet/IEEE 802.3-compliant node, and provides the
interface between the FIFO subsystem and the
Manchester Encoder/Decoder (MENDEC) or the MII.
The MAC engine has been changed from a single-bit
wide engine into a 4-bit (nibble) wide engine. This was
done to accommodate the nibble wide MII.
This section describes operation of the MAC engine
when operating in half-duplex mode. When operating in
half-duplex mode, the MAC engine is fully compliant to
Section 4 of ISO/IEC 8802-3 (ANSI/IEEE Standard
1990 Second Edition) and ANSI/IEEE 802.3 (1985).
When operating in full-duplex mode, the MAC engine
behavior changes as described in the section Full-
Duplex Operation.
The MAC engine provides programmable enhanced
features designed to minimize host supervision, bus
utilization, and pre- or post-message processing.
These features include the ability to disable retries after
a collision, dynamic FCS generation on a frame-by-
frame basis, automatic pad field insertion and deletion
to enforce minimum frame size attributes, automatic re-
transmission without reloading the FIFO, and auto-
matic deletion of collision fragments.
The two primary attributes of the MAC engine are:
s Transmit and receive message data encapsulation
— Framing (frame boundary delimitation, frame
synchronization)
— Addressing (source and destination address
handling)
— Error detection (physical medium transmission
errors)
s Media access management
— Medium allocation (collision avoidance, except
in full-duplex operation)
— Contention resolution (collision handling, except
in full-duplex operation)
Transmit and Receive Message Data Encapsulation
The MAC engine provides minimum frame size en-
forcement for transmit and receive frames. When
APAD_XMT (CSR, bit 11) is set to 1, transmit mes-
sages will be padded with sufficient bytes (containing
00h) to ensure that the receiving station will observe an
information field (destination address, source address,
length/type, data, and FCS) of 64 bytes. When
ASTRP_RCV (CSR4, bit 10) is set to 1, the receiver will
automatically strip pad bytes from the received mes-
sage by observing the value in the length field and by
stripping excess bytes if this value is below the mini-
mum data size (46 bytes). Both features can be inde-
pendently over-ridden to allow illegally short (less than
64 bytes of frame data) messages to be transmitted
and/or received. The use of this feature reduces bus
utilization because the pad bytes are not transferred
into or out of main memory.
Framing
The MAC engine will autonomously handle the con-
struction of the transmit frame. Once the transmit FIFO
has been filled to the predetermined threshold (set by
XMTSP in CSR80) and access to the channel is cur-
rently permitted, the MAC engine will commence the 7-
byte preamble sequence (10101010b, where first bit
transmitted is a 1). The MAC engine will subsequently
append the Star t Frame De limiter (SFD ) byte
(10101011b) followed by the serialized data from the
transmit FIFO. Once the data has been completed, the
MAC engine will append the FCS (most significant bit
first) which was computed on the entire data portion of
the frame. The data portion of the frame consists of
destination address, source address, length/type, and
frame data. The user is responsible for the correct or-
dering and content in each of these fields in the frame.
The MAC does not use the content in the length/type
field unless APAD_XMT (CSR4, bit 11) is set and the
data portion of the frame is shorter than 60 bytes.
The receive section of the MAC engine will detect an in-
coming preamble sequence and lock to the encoded
clock. The internal MENDEC will decode the serial bit
stream and present this to the MAC engine. The MAC
will discard the first 8 bits of information before search-
ing for the SFD sequence. Once the SFD is detected,
all subsequent bits are treated as part of the frame.
During MII operation, the MAC engine will detect the in-
coming preamble sequence when the RX_DV signal is
activated by the external PHY. The MAC will discard the
preamble and begin searching for the SFD except in
the case of 100BASE-T4. In that case, the SFD will be
the first nibble across the MII interface. Once the SFD
is detected, all subsequent nibbles are treated as part
of the frame. The MAC engine will inspect the length
field to ensure minimum frame size, strip unnecessary
pad characters (if enabled), and pass the remaining
bytes through the receive FIFO to the host. If pad strip-
ping is performed, the MAC engine will also strip the re-
ceived FCS bytes, although normal FCS computation
and checking will occur. Note that apart from pad strip-
ping, the frame will be passed unmodified to the host.
If the length field has a value of 46 or greater, all frame
bytes including FCS will be passed unmodified to the
receive buffer, regardless of the actual frame length.
If the frame terminates or suffers a collision before 64
bytes of information (after SFD) have been received,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com