Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 124 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 122Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 123Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 128Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 304 page
background image
124
Am79C973/Am79C975
P R E L I M INARY
bit MISSM (CSR3, bit 12) is 0.
MISS assertion will set the ERR
bit, regardless of the settings of
IENA and MISSM.
Read/Write accessible always.
MISS is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MISS
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
11
MERR
Memory Error is set by the
Am79C973/Am79C975 controller
when it requests the use of the
system interface bus by asserting
REQ and has not received GNT
assertion after a programmable
length of time. The length of time
in microseconds before MERR is
asserted will depend upon the
setting of the Bus Timeout Regis-
ter (CSR100). The default setting
of CSR100 will give a MERR after
153.6 ms of bus latency.
When MERR is set, INTA is as-
serted if IENA is 1 and the mask
bit MERRM (CSR3, bit 11) is 0.
MERR assertion will set the ERR
bit, regardless of the settings of
IENA and MERRM.
Read/Write accessible always.
MERR is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MERR
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
10
RINT
Receive Interrupt is set by the
Am79C973/Am79C975 controller
after the last descriptor of a re-
ceive frame has been updated by
writing a 0 to the OWNership bit.
RINT may also be set when the
first descriptor of a receive frame
has been updated by writing a 0
to the OWNership bit if the LAP-
PEN bit of CSR3 has been set to
a 1.
When RINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
RINTM (CSR3, bit 10) is 0.
Read/Write accessible always.
RINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
RINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
9
TINT
Transmit Interrupt is set by the
Am79C973/Am79C975 controller
after the OWN bit in the last de-
scriptor of a transmit frame has
been cleared to indicate the
frame has been sent or an error
occurred in the transmission.
When TINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
TINTM (CSR3, bit 9) is 0.
TINT will not be set if TINTOKD
(CSR5, bit 15) is set to 1 and the
transmission was successful.
Read/Write accessible always.
TINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
TINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
8
IDON
Initialization Done is set by the
Am79C973/Am79C975 controller
after the initialization sequence
has completed. When IDON is
set, the Am79C973/Am79C975
controller has read the initializa-
tion block from memory.
When IDON is set, INTA is as-
serted if IENA is 1 and the mask
bit IDONM (CSR3, bit 8) is 0.
Read/Write accessible always.
IDON is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
IDON
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing
conditions
has
occurred:
EXDINT, IDON, MERR, MISS,
MFCO, RCVCCO, RINT, SINT,
TINT, TXSTRT, UINT, STINT,
MREINT, MCCINT, MIIPDTINT,
MAPINT
and
the
associated
mask
or
enable
bit
is
pro-
grammed to allow the event to
cause an interrupt. If IENA is set
to 1 and INTR is set, INTA will be
active. When INTR is set by SINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com