Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 127 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 127 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 123Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 131Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 304 page
background image
Am79C973/Am79C975
127
P R E L I M INARY
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-13
RES
Reserved locations. Read and
written as zero.
12
MISSM
Missed Frame Mask. If MISSM is
set, the MISS bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
MISSM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
11
MERRM
Memory Error Mask. If MERRM
is set, the MERR bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
MERRM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
10
RINTM
Receive Interrupt Mask. If RINTM
is set, the RINT bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
RINTM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
9
TINTM
Transmit
Interrupt
Mask.
If
TINTM is set, the TINT bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
TINTM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
8
IDONM
Initialization
Done
Mask.
If
IDONM is set, the IDON bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
IDONM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
7
RES
Reserved location. Read and
written as zeros.
6
DXSUFLO
Disable Transmit Stop on Under-
flow error.
When DXSUFLO (CSR3, bit 6) is
set to 0, the transmitter is turned
off when an UFLO error occurs
(CSR0, TXON = 0).
When DXSUFLO is set to 1, the
Am79C973/Am79C975 controller
gracefully
recovers
from
an
UFLO error. It scans the transmit
descriptor ring until it finds the
start of a new frame and starts a
new transmission.
Read/Write accessible always.
DXSUFLO
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
5
LAPPEN
Look Ahead Packet Processing
Enable. When set to a 1, the
LAPPEN
bit
will
cause
the
Am79C973/Am79C975 controller
to generate an interrupt following
the descriptor write operation to
the first buffer of a receive frame.
This interrupt will be generated in
addition to the interrupt that is
generated following the descrip-
tor write operation to the last buff-
er of a receive packet. The
interrupt will be signaled through
the RINT bit of CSR0.
Setting LAPPEN to a 1 also en-
ables the Am79C973/Am79C975
controller to read the STP bit of
receive
descriptors.
The
Am79C973/Am79C975 controller
will use the STP information to
determine where it should begin
writing a receive packet’s data.
Note that while in this mode, the
Am79C973/Am79C975 controller
can write intermediate packet
data to buffers whose descriptors
do not contain STP bits set to 1.
Following the write to the last de-
scriptor used by a packet, the
Am79C973/Am79C975 controller
will scan through the next de-
scriptor entries to locate the next
STP bit that is set to a 1. The
Am79C973/Am79C975 controller
will begin writing the next packets
data to the buffer pointed to by
that descriptor.
Note that because several de-
scriptors may be allocated by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com