Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 304 page
background image
128
Am79C973/Am79C975
P R E L I M INARY
host for each packet, and not all
messages may need all of the de-
scriptors that are allocated be-
tween descriptors that contain
STP = 1, then some descriptors/
buffers may be skipped in the
ring. While performing the search
for the next STP bit that is set to
1,
the
Am79C973/Am79C975
controller will advance through
the receive descriptor ring re-
gardless of the state of ownership
bits. If any of the entries that are
examined during this search indi-
cate Am79C973/Am79C975 con-
troller ownership of the descriptor
but also indicate STP = 0, then
the Am79C973/Am79C975 con-
troller will reset the OWN bit to 0
in these entries. If a scanned en-
try indicates host ownership with
STP = 0, then the Am79C973/
Am79C975 controller will not al-
ter the entry, but will advance to
the next entry.
When the STP bit is found to be
true, but the descriptor that con-
tains this setting is not owned by
the Am79C973/Am79C975 con-
troller,
then
the
Am79C973/
Am79C975 controller will stop
advancing through the ring en-
tries and begin periodic polling of
this entry. When the STP bit is
found to be true, and the descrip-
tor that contains this setting is
owned
by
the
Am79C973/
Am79C975 controller, then the
Am79C973/Am79C975 controller
will stop advancing through the
ring entries, store the descriptor
information that it has just read,
and wait for the next receive to ar-
rive.
This behavior allows the host
software
to
pre-assign
buffer
space in such a manner that the
header portion of a receive pack-
et will always be written to a par-
ticular memory area, and the data
portion of a receive packet will al-
ways be written to a separate
memory area. The interrupt is
generated when the header bytes
have been written to the header
memory area.
Read/Write accessible always.
The LAPPEN bit will be reset to 0
by H_RESET or S_RESET and
will be unaffected by STOP.
See Appendix E for more infor-
mation on the Look Ahead Pack-
et Processing concept.
4
DXMT2PD
Disable Transmit Two Part Defer-
ral (see Medium Allocation sec-
tion
in
the
Media
Access
Management section for more
details). If DXMT2PD is set,
Transmit Two Part Deferral will
be disabled.
Read/Write accessible always.
DXMT2PD
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
3
EMBA
Enable Modified Back-off Algo-
rithm (see Contention Resolution
section in Media Access Man-
agement section for more de-
tails). If EMBA is set, a modified
back-off algorithm is implement-
ed.
Read/Write accessible always.
EMBA is cleared by H_RESET or
S_RESET and is not affected by
STOP.
2
BSWP
Byte Swap. This bit is used to
choose between big and little En-
dian modes of operation. When
BSWP is set to a 1, big Endian
mode is selected. When BSWP is
set to 0, little Endian mode is se-
lected.
When big Endian mode is select-
ed, the Am79C973/Am79C975
controller will swap the order of
bytes on the AD bus during a data
phase on accesses to the FIFOs
only. Specifically, AD[31:24] be-
comes Byte 0, AD[23:16] be-
comes Byte 1, AD[15:8] becomes
Byte 2, and AD[7:0] becomes
Byte 3 when big Endian mode is
selected.
When
little
Endian
mode is selected, the order of
bytes on the AD bus during a data
phase is: AD[31:24] is Byte 3,
AD[23:16] is Byte 2, AD[15:8] is
Byte 1, and AD[7:0] is Byte 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com