Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 132 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 132 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 136Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 304 page
background image
132
Am79C973/Am79C975
P R E L I M INARY
Read/Write accessible always.
EXDINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
5
MPPLBA
Magic Packet Physical Logical
Broadcast Accept. If MPPLBA is
at its default value of 0, the
Am79C973/Am79C975 controller
will only detect a Magic Packet
frame if the destination address
of the packet matches the con-
tent of the physical address regis-
ter (PADR). If MPPLBA is set to
1, the destination address of the
Magic Packet frame can be uni-
cast, multicast, or broadcast.
Note that the setting of MPPLBA
only affects the address detection
of the Magic Packet frame. The
Magic Packet frame’s data se-
quence must be made up of 16
consecutive physical addresses
(PADR[47:0]) regardless of what
kind of destination address it has.
This bit is OR’ed with EMPPLBA
bit (CSR116, bit 6).
Read/Write accessible always.
MPPLBA is set to 0 by H_RESET
or S_RESET and is not affected
by setting the STOP bit.
4
MPINT
Magic Packet Interrupt. Magic
Packet Interrupt is set by the
Am79C973/Am79C975 controller
when the device is in the Magic
Packet
mode
and
the
Am79C973/Am79C975 controller
receives a Magic Packet frame.
When MPINT is set to 1, INTA is
asserted if IENA (CSR0, bit 6)
and the enable bit MPINTE are
set to 1.
Read/Write accessible always.
MPINT is cleared by the host by
writing a 1. Writing a 0 has no af-
fect.
MPINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
3
MPINTE
Magic Packet Interrupt Enable. If
MPINTE is set to 1, the MPINT bit
will be able to set the INTR bit.
Read/Write accessible always.
MPINT
is
cleared
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
2
MPEN
Magic Packet Enable. MPEN al-
lows activation of the Magic
Packet mode by the host. The
Am79C973/Am79C975 controller
will enter the Magic Packet mode
when both MPEN and MPMODE
are set to 1.
Read/Write accessible always.
MPEN
is
cleared
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
1
MPMODE
The Am79C973/Am79C975 con-
troller will enter the Magic Packet
mode when MPMODE is set to 1
and either PG is asserted or
MPEN is set to 1.
Read/Write accessible always.
MPMODE is cleared to 0 by
H_RESET or S_RESET and is
not affected by setting the STOP
bit
0
SPND
Suspend. Setting SPND to 1 will
cause
the
Am79C973/
Am79C975 controller to start re-
questing entrance into suspend
mode. The host must poll SPND
until it reads back 1 to determine
that the Am79C973/Am79C975
controller has entered the sus-
pend mode. Setting SPND to 0
will
get
the
Am79C973/
Am79C975 controller out of sus-
pend mode. SPND can only be
set to 1 if STOP (CSR0, bit 2) is
set to 0. H_RESET, S_RESET or
setting the STOP bit will get the
Am79C973/Am79C975 controller
out of suspend mode.
Requesting entrance into the
suspend mode by the host de-
pends on the setting of the
FASTSPNDE bit (CSR7, bit 15).
Refer to the bit description of the
FASTSPNDE bit and the Sus-
pend section in Detailed Func-
tions, Buffer Management Unit
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com