Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 137Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 304 page
background image
Am79C973/Am79C975
135
P R E L I M INARY
10
STINTE
Software Timer Interrupt Enable.
If STINTE is set, the STINT bit
will be able to set the INTR bit.
Read/Write accessible always.
STINTE is set to 0 by H_RESET
and is not affected by S_RESET
or setting the STOP bit
9
MREINT
PHY Management Read Error In-
terrupt. The PHY Read Error in-
terrupt is set by the Am79C973/
Am79C975 controller to indicate
that the currently read register
from the PHY is invalid. The con-
tents of BCR34 are incorrect and
that the operation should be per-
formed again. The indication of
an incorrect read comes from the
internal PHY.
When MREINT is set to 1, INTA is
asserted if the enable bit MREIN-
TE is set to 1.
Read/Write accessible always.
MREINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MREINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
8
MREINTE
PHY Management Read Error In-
terrupt Enable. If MREINTE is
set, the MREINT bit will be able to
set the INTR bit.
Read/Write accessible always.
MREINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP bit
7
MAPINT
PHY Management Auto-Poll In-
terrupt. The PHY Auto-Poll inter-
rupt is set by the Am79C973/
Am79C975 controller to indicate
that the currently read status
does not match the stored previ-
ous status indicating a change in
state for the internal PHY. A
change in the Auto-Poll Access
Method (BCR32, Bit 11) will reset
the shadow register and will not
cause an interrupt on the first ac-
cess from the Auto-Poll section.
Subsequent accesses will gener-
ate an interrupt if the shadow reg-
ister
and
the
read
register
produce differences.
When MAPINT is set to 1, INTA is
asserted if the enable bit MAP-
INTE is set to 1.
Read/Write accessible always.
MAPINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MAPINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
MAPINTE
PHY Auto-Poll Interrupt Enable.
If MAPINTE is set, the MAPINT
bit will be able to set the INTR bit.
Read/Write accessible always.
MAPINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP bit
5
MCCINT
PHY
Management
Command
Complete Interrupt. The PHY
Management Command Com-
plete Interrupt is set by the
Am79C973/Am79C975 controller
when a read or write operation to
the
internal
PHY
Data
Port
(BCR34) is complete.
When MCCINT is set to 1, INTA
is asserted if the enable bit MC-
CINTE is set to 1.
Read/Write accessible always.
MCCINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MCCINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
4
MCCINTE
PHY
Management
Command
Complete Interrupt Enable. If
MCCINTE is set to 1, the MC-
CINT bit will be able to set the
INTR bit when the host reads or
writes to the internal PHY Data
Port (BCR34) only. Internal PHY
Management Commands will not
generate an interrupt. For in-
stance Auto-Poll state machine
generated management frames
will not generate an interrupt
upon completion unless there is a
compare error which get reported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com