Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 137 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 137 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 137Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 141Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 304 page
background image
Am79C973/Am79C975
137
P R E L I M INARY
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR10: Logical Address Filter 2
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[47:32] Logical
Address
Filter,
LADRF[47:32]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR11: Logical Address Filter 3
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[63:48] Logical
Address
Filter,
LADRF[63:48]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR12: Physical Address Register 0
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[15:0] Physical
Address
Register,
PADR[15:0]. The contents of this
register are loaded from EE-
PROM after H_RESET or by an
EEPROM
read
command
(PRGAD, BCR19, bit 14). If the
EEPROM is not present, the con-
tents of this register are unde-
fined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR13: Physical Address Register 1
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[31:16]Physical
Address
Register,
PADR[31:16]. The contents of
this register are loaded from EE-
PROM after H_RESET or by an
EEPROM
read
command
(PRGAD, BCR19, bit 14). If the
EEPROM is not present, the con-
tents of this register are unde-
fined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR14: Physical Address Register 2
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com