Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 136Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 137Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 304 page
background image
Am79C973/Am79C975
139
P R E L I M INARY
troller must be in internal loop-
back for FCOLL to be valid. If
FCOLL = 1, a collision will be
forced during loopback transmis-
sion attempts, which will result in
a Retry Error. If FCOLL = 0, the
Force Collision logic will be dis-
abled. FCOLL is defined after the
initialization block is read.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS is set to 0, the
transmitter will generate and ap-
pend an FCS to the transmitted
frame. When DXMTFCS is set to
1, no FCS is generated or sent
with
the
transmitted
frame.
DXMTFCS is overridden when
ADD_FCS and ENP bits are set
in TMD1.
When APAD_XMT bit (CSR4,
bit11) is set to 1, the setting of
DXMTFCS has no effect on
frames shorter than 64 bytes.
If
DXMTFCS
is
set
and
ADD_FCS is clear for a particular
frame, no FCS will be generated.
If ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry. See also the
ADD_FCS bit in TMD1.
This bit was called DTCR in the
LANCE (Am7990) device.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
2
LOOP
Loopback
Enable
allows
the
Am79C973/Am79C975 controller
to operate in full-duplex mode for
test purposes. The setting of the
full-
duplex control bits in BCR9
have no effect when the device
operates
in
loopback
mode.
When LOOP = 1, loopback is en-
abled. In combination with INTL
and
MIIILP, various loopback
modes are defined as follows in
Table 24.
Refer to Loop Back Operation
section for more details.
Read/Wr ite acc e ssible on ly
when either the STOP or the
SPND bit is set. LOOP is cleared
by H_RESET or S_RESET and
is unaffected by STOP.
1
DTX
Disable
Transmit
results
in
Am79C973/Am79C975 controller
not accessing the Transmit De-
scriptor Ring and, therefore, no
transmissions
are
attempted.
DTX = 0, will set TXON bit (CSR0
bit 4) if STRT (CSR0 bit 1) is as-
serted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
0
DRX
Disable Receiver results in the
Am79C973/Am79C975 controller
not accessing the Receive De-
scriptor Ring and, therefore, all
receive frame data are ignored.
DRX = 0,
will
set
RXON
bit
(CSR0 bit 5) if STRT (CSR0 bit 1)
is asserted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
CSR16: Initialization Block Address Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADRL
This register is an alias of CSR1.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
Table 24. Loopback Configuration
LOOP
INTL
MIIILP
Function
0
0
0
Normal Operation
0
0
1
Internal Loop
1
0
0
External Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com