Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 138Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 304 page
background image
142
Am79C973/Am79C975
P R E L I M INARY
by
H_RESET,
S_RESET,
or
STOP.
CSR31: Base Address of Transmit Ring Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
BADXU
Contains the upper 16 bits of the
base address of the Transmit
Ring.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR32: Next Transmit Descriptor Address Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXDAL
Contains the lower 16 bits of the
next transmit descriptor address
pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR33: Next Transmit Descriptor Address Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXDAU
Contains the upper 16 bits of the
next transmit descriptor address
pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR34: Current Transmit Descriptor Address
Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CXDAL
Contains the lower 16 bits of the
current transmit descriptor ad-
dress pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR35: Current Transmit Descriptor Address
Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CXDAU
Contains the upper 16 bits of the
current transmit descriptor ad-
dress pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR36: Next Next Receive Descriptor Address
Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NNRDAL
Contains the lower 16 bits of the
next next receive descriptor ad-
dress pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR37: Next Next Receive Descriptor Address
Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NNRDAU
Contains the upper 16 bits of the
next next receive descriptor ad-
dress pointer.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com