Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 304 page
background image
144
Am79C973/Am79C975
P R E L I M INARY
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved locations. Read and
written as zeros.
11-0
NRBC
Next Receive Byte Count. This
field is a copy of the BCNT field of
RMD1 of the next receive de-
scriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR45: Next Receive Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NRST
Next Receive Status. This field is
a copy of bits 31-16 of RMD1 of
the next receive descriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR46: Transmit Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
TXPOLL
Transmit Poll Time Counter. This
counter is incremented by the
Am79C973/Am79C975 controller
microcode and is used to trigger
the transmit descriptor ring poll-
ing operation of the Am79C973/
Am79C975 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR47: Transmit Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0 TXPOLLINT
Transmit Polling Interval. This
register contains the time that the
Am79C973/Am79C975 controller
will wait between successive poll-
ing operations. The TXPOLLINT
value is expressed as the two’s
complement of the desired inter-
val, where each bit of TXPOL-
LINT represents 1 clock period of
time. TXPOLLINT[3:0] are ig-
nored. (TXPOLLINT[16] is im-
plied
to
be
a
one,
so
TXPOLLINT[15] is significant and
does not represent the sign of the
two’s complement TXPOLLINT
value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz). The TXPOL-
LINT value of 0000h is created
during the microcode initialization
routine and, therefore, might not
be seen when reading CSR47 af-
ter H_RESET or S_RESET.
If the user desires to program a
value for POLLINT other than the
default, then the correct proce-
dure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP (CSR0, bit
2). Then the user may write to
CSR47 and then set STRT in
CSR0. In this way, the default
value of 0000h in CSR47 will be
overwritten with the desired user
value.
If the user does not use the stan-
dard
initialization
procedure
(standard implies use of an initial-
ization block in memory and set-
ting the INIT bit of CSR0), but
instead, chooses to write directly
to each of the registers that are
involved in the INIT operation,
then it is imperative that the user
also writes all zeros to CSR47 as
part of the alternative initialization
sequence.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com