Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 150Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 304 page
background image
Am79C973/Am79C975
147
P R E L I M INARY
CSR60: Previous Transmit Descriptor Address
Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PXDAL
Contains the lower 16 bits of the
previous transmit descriptor ad-
dress pointer. The Am79C973/
Am79C975 controller has the ca-
pability to stack multiple transmit
frames.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
Table 25. Software Styles
SWSTYLE
[7:0]
Style
Name
SSIZE32
Initialization Block
Entries
Descriptor Ring Entries
00h
LANCE/
PCnet-ISA
controller
0
16-bit software structures,
non-burst or burst access
16-bit software structures,
non-burst access only
01h
RES
1
RES
RES
02h
PCnet-PCI
controller
1
32-bit software structures,
non-burst or burst access
32-bit software structures,
non-burst access only
03h
PCnet-PCI
controller
1
32-bit software structures,
non-burst or burst access
32-bit software structures,
non-burst or burst access
All Other
Reserved
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com