Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 148 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 148 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 150Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 151Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 152Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 304 page
background image
148
Am79C973/Am79C975
P R E L I M INARY
CSR61: Previous Transmit Descriptor Address
Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PXDAU
Contains the upper 16 bits of the
previous transmit descriptor ad-
dress pointer. The Am79C973/
Am79C975 controller has the ca-
pability to stack multiple transmit
frames.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR62: Previous Transmit Byte Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved locations.
11-0
PXBC
Previous Transmit Byte Count.
This field is a copy of the BCNT
field of TMD1 of the previous
transmit descriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR63: Previous Transmit Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PXST
Previous Transmit Status. This
field is a copy of bits 31-16 of
TMD1 of the previous transmit
descriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR64: Next Transmit Buffer Address Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXBAL
Contains the lower 16 bits of the
next transmit buffer address from
which the Am79C973/Am79C975
controller will transmit an outgo-
ing frame.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR65: Next Transmit Buffer Address Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXBAU
Contains the upper 16 bits of the
next transmit buffer address from
which the Am79C973/Am79C975
controller will transmit an outgo-
ing frame.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR66: Next Transmit Byte Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved locations. Read and
written as zeros.
11-0
NXBC
Next Transmit Byte Count. This
field is a copy of the BCNT field of
TMD1 of the next transmit de-
scriptor.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com