Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 151 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 151 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 150Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 151Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 152Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 153Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 154Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 155Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 304 page
background image
Am79C973/Am79C975
151
P R E L I M INARY
ted, because no collision han-
dling is required in these modes.
Note that when the SRAM is be-
ing used, if the NOUFLO bit
(CSR80, bit 14) is set to 1, there
is the additional restriction that
the complete transmit frame must
be DMA’d into the Am79C973/
Am79C975 controller and reside
within a combination of the Bus
Transmit FIFO, the SRAM, and
the MAC Transmit FIFO.
When
the
SRAM
is
used,
SRAM_SIZE > 0, there is a re-
striction that the number of bytes
written is a combination of bytes
written into the Bus Transmit
FIFO and the MAC Transmit
FIFO.
The
Am79C973/
Am79C975 controller supports a
mode that will wait until a full
packet is available before com-
mencing with the transmission of
preamble. This mode is useful in
a system where high latencies
cannot be avoided. See Table 27.
Read/Write accessible only when
either the STOP or the SPND bit
is set. XMTSP is set to a value of
01b (64 bytes) after H_RESET or
S_RESET and is unaffected by
STOP.
Table 27. Transmit Start Point Programming
9-8
XMTFW[1:0] Transmit FIFO Watermark. XMT-
FW specifies the point at which
transmit
DMA
is
requested,
based upon the number of bytes
that could be written to the Trans-
mit FIFO without FIFO overflow.
Transmit DMA is requested at
any time when the number of
bytes specified by XMTFW could
be written to the FIFO without
causing Transmit FIFO overflow,
and the internal microcode en-
gine has reached a point where
the Transmit FIFO is checked to
determine if DMA servicing is re-
quired.
When operating in the NO-SRAM
mode
(no
SRAM
enabled),
SRAM_SIZE set to 0, the Bus
Transmit FIFO and the MAC
Transmit FIFO operate like a sin-
gle FIFO and the watermark val-
ue selected by XMTFW[1:0] sets
the number of FIFO byte loca-
tions that must be available in the
FIFO before receive DMA is re-
quested.
When operating with the SRAM,
the Bus Transmit FIFO and the
MAC Transmit FIFO operate in-
dependently on the bus side and
MAC side of the SRAM, respec-
tively. In this case, the watermark
value set by XMTFW[1:0] sets the
number of FIFO byte locations
that must be available in the Bus
Transmit FIFO. See Table 28.
Read/Write accessible only when
either the STOP or the SPND bit
is set. XMTFW is set to a value of
00b (16 bytes) after H_RESET or
S_RESET and is unaffected by
STOP.
7-0
DMATC[7:0] DMA Transfer Counter. Writing
and reading to this field has no ef-
fect.
Use
MAX_LAT
and
MIN_GNT in the PCI configura-
tion space.
XMTSP[1:0]
SRAM_SIZE
Bytes Written
00
0
20
01
0
64
10
0
128
11
0
220 max
00
>0
36
01
>0
64
10
>0
128
11
>0
Full Packet when
NOUFLO bit is set
Table 28. Transmit Watermark Programming
XMTFW[1:0]
Bytes Available
00
16
01
64
10
108
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com