Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 304 page
background image
Am79C973/Am79C975
145
P R E L I M INARY
by
H_RESET,
S_RESET,
or
STOP.
CSR48: Receive Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLL
Receive Poll Time Counter. This
counter is incremented by the
Am79C973/Am79C975 controller
microcode and is used to trigger
the receive descriptor ring polling
operation
of
the
Am79C973/
Am79C975 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR49: Receive Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLLINT Receive Polling Interval. This reg-
ister contains the time that the
Am79C973/Am79C975 controller
will wait between successive poll-
ing operations. The RXPOLLINT
value is expressed as the two’s
complement of the desired inter-
val, where each bit of RXPOL-
LINT approximately represents
one clock time period. RXPOL-
LINT[3:0] are ignored. (RXPOL-
LINT[16] is implied to be a 1, so
RXPOLLINT[15]
is
significant
and does not represent the sign
of the two’s complement RXPOL-
LINT value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz). The RXPOL-
LINT value of 0000h is created
during the microcode initialization
routine and, therefore, might not
be seen when reading CSR49 af-
ter H_RESET or S_RESET.
If the user desires to program a
value for RXPOLLINT other than
the default, then the correct pro-
cedure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP (CSR0, bit
2). Then the user may write to
CSR49 and then set STRT in
CSR0. In this way, the default
value of 0000h in CSR47 will be
overwritten with the desired user
value.
If the user does not use the stan-
dard
initialization
procedure
(standard implies use of an initial-
ization block in memory and set-
ting the INIT bit of CSR0), but
instead, chooses to write directly
to each of the registers that are
involved in the INIT operation,
then it is imperative that the user
also writes all zeros to CSR49 as
part of the alternative initialization
sequence.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR58: Software Style
This register is an alias of the location BCR20. Accesses
to and from this register are equivalent to accesses to
BCR20.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-11 RES
Reserved locations. Written as
zeros and read as undefined.
10
APERREN
Advanced Parity Error Handling
Enable. When APERREN is set
to 1, the BPE bits (RMD1 and
TMD1, bit 23) start having a
meaning. BPE will be set in the
descriptor associated with the
buffer that was accessed when a
data parity error occurred. Note
that since the advanced parity er-
ror handling uses an additional bit
in the descriptor, SWSTYLE (bits
7-0 of this register) must be set to
2 or 3 to program the Am79C973/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com