Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 15Page - Advanced Micro Devices AM79C985JC Datasheet HTML 16Page - Advanced Micro Devices AM79C985JC Datasheet HTML 17Page - Advanced Micro Devices AM79C985JC Datasheet HTML 18Page - Advanced Micro Devices AM79C985JC Datasheet HTML 19Page - Advanced Micro Devices AM79C985JC Datasheet HTML 20Page - Advanced Micro Devices AM79C985JC Datasheet HTML 21Page - Advanced Micro Devices AM79C985JC Datasheet HTML 22Page - Advanced Micro Devices AM79C985JC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Am79C985
19
PRELIMINARY
Network Activity Display
The eIMR+ status port can drive up to eight LEDs to in-
dicate the network-utilization level as a percentage of
bandwidth. The status port uses eight dedicated out-
puts (ACT0-7) to drive a series of LEDs. The number of
LEDs in the series that will be lit increases as the
amount of network activity increases. ACT0 represents
the lowest level of activity; ACT7 represents the high-
est. ACT0-7 are open-drain outputs that typically sink
12 mA of current to turn on the LEDs. See Figure 2.
Table 3 shows ACT0-7 as a function of the percentage
of network utilization. The table uses a scale that is
more sensitive at low utilization levels. 100% utilization
represents the maximum number of events that could
occur in a given window of time.
The update rate and corresponding internal sampling
window for ACT[7:0] is 250 ms. During this sampling
window, a counter is used to count the number of times
repeater transmit activity is TRUE. The counter uses a
free-running clock which has the granularity to detect
the minimum packet size of 96 bit times.
Figure 3 shows the timing relationship between the
sampling window, counting clock, and transmit activity.
Figure 2. Network Activity Display
.
Figure 3. Activity Sampling
Table 3. Network Utilization
Number of LEDs
Lit by ACT0-7
Percentage Utilization
8
>80%
7
>64%
6
>32%
5
>16%
4
>8%
3
>4%
2
>2%
1
>1%
ACT[0]
ACT[1]
ACT[4]
ACT[5]
ACT[2]
ACT[3]
ACT[6]
ACT[7]
eIMR+
LED
Interface
VDD
20651A-7
20651B-7
Sampling
Window
Counting
Clock
Xmit
Activity
counter is active
next counting cycle
latch data;
update display;
clear counter
20651B-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com