Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 18Page - Advanced Micro Devices AM79C985JC Datasheet HTML 19Page - Advanced Micro Devices AM79C985JC Datasheet HTML 20Page - Advanced Micro Devices AM79C985JC Datasheet HTML 21Page - Advanced Micro Devices AM79C985JC Datasheet HTML 22Page - Advanced Micro Devices AM79C985JC Datasheet HTML 23Page - Advanced Micro Devices AM79C985JC Datasheet HTML 24Page - Advanced Micro Devices AM79C985JC Datasheet HTML 25Page - Advanced Micro Devices AM79C985JC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
Am79C985
PRELIMINARY
eIMR+/HIMIB Interconnection
The eIMR+ device interfaces directly to the HIMIB de-
vice for full repeater manageability. To this end, the
eIMR+ device has a management port and a serial out-
put that allows the HIMIB device to monitor port activity.
The eIMR+ device is designed to allow one or two
eIMR+ devices to operate with a single HIMIB device.
Because the HIMIB device can monitor nine ports (8 TP
ports & 1 AUI port), one of the eIMR+ AUI ports is not
managed (statistics not kept). When two eIMR+ devices
are connected to a HIMIB device, one is designated the
primary device and the other is designated the second-
ary device. This designation serves to identify which
device has the managed AUI port. The primary device
has the managed AUI port and TP4-7. The secondary
device has the unmanaged AUI port and TP0-3. Figure
6 shows how the HIMIB and eIMR+ devices are inter-
connected.
When only one eIMR+ device is connected to a HIMIB
device, the AUI port is managed. The HIMIB device
treats the twisted-pair ports as TP0-3.
Although the HIMIB device does not monitor the AUI
port on the secondary eIMR+ device, the AUI port on
the secondary device defaults to enabled at reset. The
port can be disabled via the Secondary AUI Port Enable
command.
Management Port Interface
The eIMR+ management port is made up of six signals:
SI, SI_D, SO, CRS, CRS_I, and SCLK. SI is the serial
input from an external management module or the
HIMIB device. On the secondary eIMR+ device, SI_D
is the response input from the primary eIMR+ device. It
is also used at reset to set the eIMR+ device as either
a primary or secondary device. CRS transmits the state
of the eIMR+ device’s internal carrier sense signals.
Figure 6. eIMR-to-HIMIB Connection
AUIU Port & TP[3:0]
CRS_I
SI_D
CRS
SO
eIMR+
(Secondary)
SCLK SI
AUIM Port & TP[7:4]
CRS_I
SI_D
CRS
SO
eIMR+
(Primary)
SCLK SI
SCLK
SI
SO
CRS
HIMIB
b) Two eIMR Devices Connected to a HIMIB
AUIM Port & TP[3:0]
CRS_I
SI_D
CRS
SO
eIMR+
SCLK SI
SCLK
SI
SO
CRS
HIMIB
a) One eIMR Device Connected to a HIMIB
VDD
DVSS
20651B-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com