Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 29Page - Advanced Micro Devices AM79C985JC Datasheet HTML 30Page - Advanced Micro Devices AM79C985JC Datasheet HTML 31Page - Advanced Micro Devices AM79C985JC Datasheet HTML 32Page - Advanced Micro Devices AM79C985JC Datasheet HTML 33Page - Advanced Micro Devices AM79C985JC Datasheet HTML 34Page - Advanced Micro Devices AM79C985JC Datasheet HTML 35Page - Advanced Micro Devices AM79C985JC Datasheet HTML 36Page - Advanced Micro Devices AM79C985JC Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Am79C985
33
PRELIMINARY
Figure 13.
eIMR+ Internal Arbitration Mode Connection
Figure 14.
IMR+ Mode External Arbitration
VDD
VDD
VDD
~1 k
Ω
1 k
Ω
~1 k
Ω
D
Q
Q
P C
D
Q
Q
P C
RST
74LS74
20 MHz
OSC
CLK
CLK
(Note: In a multiple eIMR+ system, the reset
signal must be synchronized to CLK.)
CLK
eIMR+
SELI_0
SELI_1
RST
SELO
eIMR+
SELI_0
SELI_1
RST
SELO
eIMR+
SELI_0
SELI_1
RST
SELO
20651B-18
SELI_0
SELI_1
SELO
DAT JAM ACK COL
SELI_0
SELI_1
SELO
DAT JAM ACK COL
COL ACK SEL1 SEL2 SEL3
Arbiter
GCOL
eIMR+
eIMR+
eIMR+
1 k
Ω
SELI_0
SELI_1
SELO
DAT JAM ACK COL
20651B-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com