Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 13Page - Advanced Micro Devices AM79C985JC Datasheet HTML 14Page - Advanced Micro Devices AM79C985JC Datasheet HTML 15Page - Advanced Micro Devices AM79C985JC Datasheet HTML 16Page - Advanced Micro Devices AM79C985JC Datasheet HTML 17Page - Advanced Micro Devices AM79C985JC Datasheet HTML 18Page - Advanced Micro Devices AM79C985JC Datasheet HTML 19Page - Advanced Micro Devices AM79C985JC Datasheet HTML 20Page - Advanced Micro Devices AM79C985JC Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Am79C985
17
PRELIMINARY
Connection to Alternate Media
The eIMR+ device can be connected to the AUI port of
any MAU device. Thus, it can support 10BASE-2,
10BASE-5, and 10BASE-FL. To connect to an alternate
media type, on-chip filtering should be disabled. This
can be achieved by substituting the normal 110-
Ω re-
sistor connected across the TXD differential output with
a 500-
Ω resistor. If on-chip filtering is disabled at a TP
port, the Link Pulse must also be disabled. Refer to the
section on
eIMR+ Management Commands for pro-
gramming details.
Once port filtering is disabled, the TXD output will be a
square waveform and can be connected to the AUI port
of a transceiver. Some external components are
nec-
essary to correctly interface the TXD output to the trans-
ceiver.
Twisted Pair Receivers
RXD is a differential twisted-pair receiver. When prop-
erly terminated, RXD will meet the electrical require-
ments for 10BASE-T receivers as specified in IEEE
802.3, Section 14.3.1.3. The receivers do not require
external filter modules. Proper termination is shown in
the
Systems Applications section.
The receiver’s threshold voltage can be programmed to
an extended-distance mode. In this mode, the differen-
tial receiver’s threshold is reduced to allow a longer
cable than the 100 meters specified in the IEEE 802.3
standard. For programming details, refer to the
Man-
agement Commands section.
Link Test
The integrated TP ports implement the Link Test func-
tion, as specified in the IEEE 802.3 10BASE-T stan-
dard. The eIMR+ device will transmit Link Test pulses
to any TP port after that port’s transmitter has been in-
active for more than 8 ms to 17 ms. Conversely, if a TP
port does not receive any data packets or Link Test
pulses for more than 65 ms to 132 ms and the Link Test
function is enabled for that port, then that port will enter
the link-fail state. The eIMR+ device will disable a port
in link-fail state (i.e., disable repeater transmit and re-
ceive functions) until it receives either four consecutive
Link Test pulses or a data packet.
The Link Test function can be disabled via the eIMR+
management port on a port-by-port basis, to allow the
eIMR+ device to operate with pre-10BASE-T networks
that do not implement the Link Test function. When the
Link Test function is disabled, the eIMR+ device will not
allow the TP port to enter link-fail state, even if no Link
Test pulses or data packets are being received. Note,
however, that the eIMR+ device will always transmit
Link Test pulses to all TP ports, regardless of whether
or not the port is enabled, partitioned, in link-fail state,
or has its Link Test function disabled. Separate man-
agement commands exist for enabling and disabling
the transmission of Link Test pulses on a port-by-port
basis.
Polarity Reversal
The TP ports can be programmed to receive data if a
wiring error results in a data packet being received at a
TP port with reversed polarity. This function will be en-
abled upon reception of a negative End Transmit Delim-
iter (ETD) or negative pulses and allows subsequent
packets to be received with the correct polarity. The po-
larity-reversal function is executed once following reset
or link-fail and can be programmed via the manage-
ment port to be enabled or disabled on a port-by-port
basis. The function may be enabled or disabled, follow-
ing a reset, depending on the level of the SI signal on
the rising edge of the RST pulse.
Visual Status Monitoring (LED) Support
The eIMR+ status port can be connected to LEDs to
facilitate the visual monitoring of repeater port status.
The status port has twelve output signals, LDA0-4, and
LDB0-4, LDGA, and LDGB. LDA0-4 and LDB0-4 repre-
sent the four TP ports and AUI port. LDGA and LDGB
are global indicators. Attributes that may be monitored
are Carrier Sense (CRS), Collision (COL), Partition
(PAR), Link Status (LINK), Loopback (LB), Port Dis-
abled (DIS), and Jabber (JAB). Three control bits,
LDC0-2, select the particular attributes to be displayed
on the LEDs. Table 1 shows how the programming
combinations for LDC0-2 control the attributes that will
be monitored.
Each LED drive pin (LDGA, LDGB, LDA0-4, and LDB0-4)
has two states: Off and LOW. When none of the se-
lected attributes are true, the driver is off and the diode
is unlit. When an attribute is true, the driver is LOW, and
the corresponding LEDs in Bank A or Bank B will be lit.
Some of the settings (LDC2 = 1) include a blink func-
tion. This allows two attributes to be selected for a given
state on the pin. As an example when LDC0-2 = 110,
the LDA outputs relating to TP ports will be solidly lit
when there is a link established at that port. However,
whenever there is activity on a port, the corresponding
LDA pin will switch on (LOW) and off at a period of 130
ms. Note that a partition on that port will also cause the
pin to go LOW.
On LDC settings that have two attributes for a state on
a pin (blink or solid-on), the attribute causing the output
to blink has priority. (Those attributes are shown in
Table 2 with a blink period specified next to it.) If an at-
tribute has no blink period specified, the LED indicates
the attribute by being solidly lit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com