Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 25Page - Advanced Micro Devices AM79C985JC Datasheet HTML 26Page - Advanced Micro Devices AM79C985JC Datasheet HTML 27Page - Advanced Micro Devices AM79C985JC Datasheet HTML 28Page - Advanced Micro Devices AM79C985JC Datasheet HTML 29Page - Advanced Micro Devices AM79C985JC Datasheet HTML 30Page - Advanced Micro Devices AM79C985JC Datasheet HTML 31Page - Advanced Micro Devices AM79C985JC Datasheet HTML 32Page - Advanced Micro Devices AM79C985JC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Am79C985
29
PRELIMINARY
Enable Software Override of Bank-B LEDs (Per Port -
AUI and TP, Global)
SI Data
1100 ####
SO Data (Pri)
None
SO Data (Sec)
None
This command forces the LEDs in Bank B to blink. In-
dividual LEDs and combinations of LEDs can be select-
ed via the lower four bits of the command byte, as
follows.
####
Port(s) affected
0000-0111 TP0 - TP7
1000
Primary AUI
1001
Secondary AUI
1010
Both AUI ports
1011
All TP ports
1100
All ports
1101
Primary Global
1110
Secondary Global
The designated LED drivers(s) will switch between
LOW and ‘off’ at the rate set by the Software Override
of LED Blink Rate command. Enable Software Override
of Bank B LEDs references the blink rate last issued,
and overrides any other attribute specified by LDC0-2.
Software override of LEDs is disabled after reset.
Software Override of LED Blink Rate
SI Data
1110 1###
SO Data (Pri)
None
SO Data (Sec)
None
This command sets the blink Period of the LEDs with
Software Override enabled. The duty cycle is 50%. This
command defaults to ‘off’ at reset.
Setting
Blink Period
1110 1000
Off
1110 1001
512 ms
1110 1010
1560 ms
1110 1011
Solid On
These settings apply to the blink rate for both Bank A
and Bank B. This command must precede the Enable
Software Override of Bank A/B LEDs command. All LED
combinations selected for software override will refer-
ence the blink rate last issued.
Get (Read Commands)
AUI Port(s) Status
SI Data
1000 1111
SO Data (Sec)
PBSLP PBSLS
SO Data (Pri)
0000 PBSL
SO Data (Single)
PBSL 0000
The combined AUI status of the eIMR+ device(s) allows
a single instruction to be used to monitor the AUI port(s).
The four local status bits are:
P
Partitioning Status
This bit is ‘0’ if the AUI port is partitioned and ‘1’ if the
AUI port is connected.
B
Bit Rate Error
This bit is set to ‘1’ if there is an instance of FIFO over-
flow or underflow. The bit is cleared when the eIMR+
device is read.
S
SQE Test Status
This bit is set to ‘1’ if the SQE test error is detected by
the eIMR+ chip. The bit is cleared when the status is
read.
L
Loopback Error
The MAU attached to the AUI port is required to loop-
back data transmitted to DO onto the DI circuit. If the
loopback carrier is not detected by the eIMR+ device,
this bit is set to ‘1’. This bit is cleared when the status
is read.
If a single eIMR+ device is connected to a HIMIB device,
SO is PBSL 0000. If two eIMR+ devices are connected
to a HIMIB device, SO on the primary device is 0000
PBSLP, and SO on the secondary device is PBSLP
PBSLS. The subscript (P) indicates the statistics of the
primary eIMR+ device and the subscript (S) indicates
the statistics of the secondary eIMR+ device.
Alternate AUI Port(s) Status
There are three further variations of the AUI Port Status
Command allowing selective clearing of a combination
of B,S, and L bits. These are the following:
Alternate 1: B is not cleared, S and L are Cleared
SI Data
1000 1011
SO Data (Sec)
PBSLP PBSLS
SO Data (Pri)
0000 PBSL
SO Data (Single)
PBSL 0000
Alternate 2: S and L are not cleared, B is Cleared
SI Data
1000 1101
SO Data (Sec)
PBSLP PBSLS
SO Data (Pri)
0000 PBSL
SO Data (Single)
PBSL 0000
Alternate 3: None of S, B, and L are Cleared
SI Data
1000 1001
SO Data (Sec)
PBSLP PBSLS
SO Data (Pri)
0000 PBSL
SO Data (Single)
PBSL 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com