Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 24Page - Advanced Micro Devices AM79C985JC Datasheet HTML 25Page - Advanced Micro Devices AM79C985JC Datasheet HTML 26Page - Advanced Micro Devices AM79C985JC Datasheet HTML 27Page - Advanced Micro Devices AM79C985JC Datasheet HTML 28Page - Advanced Micro Devices AM79C985JC Datasheet HTML 29Page - Advanced Micro Devices AM79C985JC Datasheet HTML 30Page - Advanced Micro Devices AM79C985JC Datasheet HTML 31Page - Advanced Micro Devices AM79C985JC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Am79C985
PRELIMINARY
Enable Automatic Receiver Polarity Reversal (Per TP
Port)
SI Data
0111 0###
SO Data (Pri)
None
SO Data (Sec)
None
This command enables the Automatic Receiver Polarity
Reversal function for the TP port designated by the three
least-significant bits in the command byte. If enabled in
a TP port, the eIMR+ chip will automatically invert the
polarity of that port’s receiver circuitry if the TP port is
detected as having reversed polarity (due to wiring er-
ror). After reversing the receiver polarity, the TP port
could then receive subsequent (reverse polarity) packets
correctly. Designated port values of b111 through b100
in the command byte correspond to TP7 through TP4 in
the primary eIMR+ device. Designated port values of
b011 through b000 in the command byte correspond to
TP3 through TP0 in the secondary eIMR+ device.
Disable Receiver Extended Distance Mode (Per TP
Port)
SI Data
0110 1###
SO Data (Pri)
None
SO Data (Sec)
None
This command disables the Receiver Extended Dis-
tance Mode and restores the RXD circuit of the trans-
ceiver to normal squelch levels for the TP-port driver
designated by the three least-significant bits of the com-
mand data. Designated port values of b111 through
b100 in the command byte correspond to TP7 through
TP4 in the primary eIMR+ device. Designated port val-
ues of b011 through b000 in the command byte corre-
spond to TP3 through TP0 in the secondary eIMR+
device.
Enable Receiver Extended Distance Mode (Per TP
Port)
SI Data
0111 1###
SO Data (Pri)
None
SO Data (Sec)
None
This command modifies the RXD circuit of the trans-
ceiver for the TP-port driver designated by the three
least-significant bits of the command data. The RXD
squelch-threshold value is lowered to accommodate
signal attenuation associated with lines longer than 100
meters. Designated port values of b111 through b100
in the command byte correspond to TP7 through TP4
in the primary eIMR+ device. Designated port values of
b011 through b000 in the command byte correspond to
TP3 through TP0 in the secondary eIMR+ device. At
reset, Receiver Extended Distance Mode is disabled
and the RXD circuit defaults to normal squelch-thresh-
old values.
Disable Software Override of LEDs
(Per Port - AUI and TP, Global)
SI Data
1001 ####
SO Data (Pri)
None
SO Data (Sec)
None
This command Disables software override of the Port
LEDs.
Individual LEDs and combinations of LEDs can be se-
lected via the lower four bits of the command byte, as
follows:
####
Port(s) affected
0000-0111 TP0 - TP7
1000
Primary AUI
1001
Secondary AUI
1010
Both AUI ports
1011
All TP ports
1100
All ports
1101
Primary Global
1110
Secondary Global
1111
All Global
Following command execution, the attributes displayed
on the LEDs will be determined by LDC0-2. Software
override of LEDs is disabled after reset.
Enable Software Override of Bank-A LEDs (Per Port -
AUI and TP, Global)
SI Data
1011 ####
SO Data (Pri)
None
SO Data (Sec)
None
This command forces the LEDs in Bank A to blink. In-
dividual LEDs and combinations of LEDs can be select-
ed via the lower four bits of the command byte, as
follows:
####
Port(s) affected
0000-0111 TP0 - TP7
1000
Primary AUI
1001
Secondary AUI
1010
Both AUI ports
1011
All TP ports
1100
All ports
1101
Primary Global
1110
Secondary Global
1111
All Global
The designated LED drivers(s) will switch between
LOW and ‘off’ at the rate set by the Software Override
Blink Rate command. Enable Software Override of
Bank A LEDs references the blink rate last issued, and
overrides any other attribute specified by LDC0-2. Soft-
ware override of LEDs is disabled after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com