Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985JC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 17Page - Advanced Micro Devices AM79C985JC Datasheet HTML 18Page - Advanced Micro Devices AM79C985JC Datasheet HTML 19Page - Advanced Micro Devices AM79C985JC Datasheet HTML 20Page - Advanced Micro Devices AM79C985JC Datasheet HTML 21Page - Advanced Micro Devices AM79C985JC Datasheet HTML 22Page - Advanced Micro Devices AM79C985JC Datasheet HTML 23Page - Advanced Micro Devices AM79C985JC Datasheet HTML 24Page - Advanced Micro Devices AM79C985JC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Am79C985
21
PRELIMINARY
Figure 5. Internal Arbitration—eIMR+ Devices in Cascade
Management Functions
The eIMR+ device receives management commands
in the form of byte-length data on the serial input pin,
SI. If the eIMR+ device is expected to provide data in
response to the command, it will send byte-length data
to the serial-output pin, SO. Both the input and output
data streams are clocked with the rising edge of the
SCLK signal. The byte-length data is in RS232 serial-
data format; that is, one start bit followed by eight data
bits. The externally generated clock at the SCLK pin
may be either a free-running clock synchronized to the
input bit patterns, or a series of individual transitions
meeting the setup-and-hold times with respect to the
input bit pattern. If the latter method is used, 20 SCLK
clock transitions are required for management com-
mands that produce SO data, and 14 SCLK clock tran-
sitions are required for management commands that
do not produce SO data.
VDD
1k
Ω
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
20651B-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com