Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 16Page - Advanced Micro Devices AM79C989 Datasheet HTML 17Page - Advanced Micro Devices AM79C989 Datasheet HTML 18Page - Advanced Micro Devices AM79C989 Datasheet HTML 19Page - Advanced Micro Devices AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices AM79C989 Datasheet HTML 22Page - Advanced Micro Devices AM79C989 Datasheet HTML 23Page - Advanced Micro Devices AM79C989 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
Am79C989
PRELIMINARY
Auto-Negotiation Status Register (Reg 1)
The Auto-Negotiation Status Register (Reg 1) contains
Read/Only (R/O) bits or Clear on Read (COR) bits. This
register is duplicated for each port.
Table 8.
Auto-Negotiation Status Register (Reg 1)
8
Duplex_Mode
1 = The port can be forced into full duplex operation when both the
Duplex_Mode set and the ANEG_EN bit clear. If the ANEG_EN bit
is set, this bit is ignored. When the Duplex_Mode is modified, the
port status will not be modified unless the ANEG_EN bit is cleared.
0 = Port is forced to half-duplex mode when ANEG_EN bit is
cleared. If ANEG_EN bit is set, this bit is ignored.
R/W
0
7
Collision Test
1 = Collision indication will occur on the channel after the transmit
enable bit (QTX_EN) is asserted.
0 = Port operation is normal.
R/W
0
6:0
Reserved
Written and read as zero.
R/O
0
Bit(s)
Name
Description
Read/
Write
Default/
Reset
15:13
Reserved
Written and read as zero.
R/O
0
12
Full Duplex
1= Capable of operation in full duplex mode;
0 = Not able to perform full duplex mode.
R/O
1
11
Half Duplex
1= Capable of operation in half duplex mode;
0 = Not able to perform half duplex mode.
R/O
1
10:7
Reserved
Written and read as zero.
R/O
0
6
Preamble
Suppress
1 = Management Interface operates with or without preamble
suppression;
0 = Not applicable: Management Interface will operate with or
without preamble suppression.
R/O
1
5
Auto-Negotiation
Complete
1 = Auto-Negotiation is complete;
0 = Auto-Negotiation is not complete.
R/O
0
4
Remote Fault
1 = Remote fault detected from link partner;
0 = No remote fault detected.
R/O, COR
0
3
Auto-Negotiation Ability
1 = Capable of Auto-Negotiation;
0 = Not available
R/O
1
2
Link Status
1 = Link is up;
0 = Link is down.
R/O
0
1
Jabber Detect
1 = Jabber Condition detected;
0 = Jabber Condition not detected.
R/O
0
0
Extended Register
Capability
1 = Extended Register Capability;
0 = Not applicable.
R/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com