Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 29Page - Advanced Micro Devices AM79C989 Datasheet HTML 30Page - Advanced Micro Devices AM79C989 Datasheet HTML 31Page - Advanced Micro Devices AM79C989 Datasheet HTML 32Page - Advanced Micro Devices AM79C989 Datasheet HTML 33Page - Advanced Micro Devices AM79C989 Datasheet HTML 34Page - Advanced Micro Devices AM79C989 Datasheet HTML 35Page - Advanced Micro Devices AM79C989 Datasheet HTML 36Page - Advanced Micro Devices AM79C989 Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
36
Am79C989
PRELIMINARY
10BASE-T Interface
Figure 6.
10BASE-T Interface Timing Diagram
Squelch
Post-Squelch Timeout
(RXD+) – (RXD– –)
VTSQ+, VLTSQ+
VTSQ–, VLTSQ–
VTHS+, VLTHS+
VTHS–, VLTHS–
40
41
41
(TXD+) – (TXD–)
VTPOV+
VTPOV–
42
21173B-10
No.
Symbol
Parameter Description
Min
Max
Unit
40
tTP1
RXD Frequency Rejection.
—
15
MHz
41
tTP2
RXD High/Low Frequency Time-out.
160
180
ns
42
tTP2
TXD
± End of Transmission Delimiter.
250
375
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com