Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 13Page - Advanced Micro Devices AM79C989 Datasheet HTML 14Page - Advanced Micro Devices AM79C989 Datasheet HTML 15Page - Advanced Micro Devices AM79C989 Datasheet HTML 16Page - Advanced Micro Devices AM79C989 Datasheet HTML 17Page - Advanced Micro Devices AM79C989 Datasheet HTML 18Page - Advanced Micro Devices AM79C989 Datasheet HTML 19Page - Advanced Micro Devices AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Am79C989
17
PRELIMINARY
QRX_CRS signal is primarily useful for calibrating net-
work timers in the external MAC or repeater device.
Data which is held in the elasticity FIFO will be delayed.
When the QRX_VALID (Receive Data Valid) is
asserted in the appropriate slot, the QRX_DATA is
valid. QRX_VALID is used as a framing signal to indi-
cate when the QRX_DATA is valid. QRX_VALID and
QRX_DATA will lag QRX_CRS by up to four bit times
(400 ns) in the beginning of the frame and up to 8 bits
by the end of the frame. The reason that QRX_VALID
lags QRX_CRS signal by a variable amount of time is
due to the inherent rate mismatch between the
received data and network clocks.
The QCLSN signal is asserted whenever a network
collision is detected. QCLSN is time multiplexed like the
other receive signals. QCLSN has a specific meaning
within the specified channel or slot number. Collision
indication is asserted in its appropriate time slot when-
ever a network collision is detected. The QCLSN pin
may be optionally asserted if the SQE_TEST disable
bit, Control Register (Reg. 18, bit 0), is in a cleared
state after transmission of a packet.
In summary, the QuASI Interface is synchronous to the
clock input, SCLK. A reset signal, QRST/STRB, is pro-
vided which serves two purposes, hardware reset and
a means for channel slot synchronization. There are six
additional signal pins that communicate the serial data
to and from the QuEST device.
Management Interface
The QuEST device incorporates a two-wire Manage-
ment Interface in conformance with the MII Manage-
ment Interface of the IEEE 802.3u Standard. The
interface includes a management clock, MDC, and a
serial data I/O pin, MDIO. The Management Interface
clock can operate as high as 20 MHz; there is no lower
frequency limit. The MDIO signal serves as both con-
trol and data. The first part of the command is com-
posed of control information, while the second half is
composed of data. The management frame format is
indicated below.
Table 1.
Management Frame Fields
The Management Frame
The management frame begins with the Start of Frame
(ST) delimiter indicated by a <01> pattern. After the ST
pattern, the Operation Code (OP) indicates either a
read or a write, followed by the PHYAD and REGAD
fields. The specific address is identified by the five bits
of the PHY address (PHYAD); the specific register is
identified by the five bits of the Register Address (RE-
GAD). The Turn Around (TA) field follows and provides
a two-cycle delay for redirecting the MDIO bus during
read commands, to avoid signal contention. The man-
agement frame includes the 16-bit wide data field and
terminates with an idle state indication.
PHY Addressing
PHYAD is the unique address of any PHY connected to
this Serial Management Interface. Each QuEST sup-
ports four PHYs, and up to eight QuEST devices can
be connected to the Management Interface. A total of
32 PHYs can be managed. (Refer to Table 2.)
The internal QuEST address is formed through exter-
nal means. During reset, the QRX_DATA, QRX_VALID,
QRX_CRS, and QCLSN signals of the QuEST device
are in tristate. At the rising edge of reset, the QuEST
device latches signal pins QRX_VALID, QRX_CRS,
and QCLSN to form the internal address which the
QuEST device will use to match against. The QuEST
device provides internal pull-down resistors of approxi-
mately 100 k
Ω.
Pull-up resistors of 10 k
Ω in value can be placed on the
QRX_DATA, QRX_VALID, and QCLSN signals to de-
fine the internally latched address. The internal latch
address is shown below. The internally latched address
must be unique among QuEST devices shared by a
single Management Interface. To form the QuEST ad-
dress “000,” no resistors need to be connected. To form
the QuEST address “101”, external pull-up resistors
are required to be added to the QRX_DATA and
QCLSN signals, and so forth.
A specific PHY address (PHYAD) is formed with five
bits. The upper three bits of the PHYAD, A4, A3, and
A2, are matched to an internal QuEST device address
which acts as a chip selection function. Setting each of
these three bits to 0 or 1 in combination allows specific
designation of up to eight QuEST devices. The lower
two bits of the PHYAD designate the channel number
of the designated QuEST device.
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
READ
01
10
A4AAAA0
R4RRRR0
Z0
D15DDDDDDDDDDDDDDD0
Z
WRITE
01
01
A4AAAA0
R4RRRR0
10
D15DDDDDDDDDDDDDDD0
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com