Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 25Page - Advanced Micro Devices AM79C989 Datasheet HTML 26Page - Advanced Micro Devices AM79C989 Datasheet HTML 27Page - Advanced Micro Devices AM79C989 Datasheet HTML 28Page - Advanced Micro Devices AM79C989 Datasheet HTML 29Page - Advanced Micro Devices AM79C989 Datasheet HTML 30Page - Advanced Micro Devices AM79C989 Datasheet HTML 31Page - Advanced Micro Devices AM79C989 Datasheet HTML 32Page - Advanced Micro Devices AM79C989 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Am79C989
29
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . .-65
°C to +150°C
Ambient Temperature . . . . . . . . . . . . . . . 0
°C to +70°C
Supply Voltage . . . . . . . . . . . . . . . . . . -0.3 V to +6.0 V
DC Voltage applied to any Pin can be . . VSS -0.5 V to
VDD +0.5 V
Stresses above those listed under ABSOLUTE MAXI-
MUM RATINGS may cause permanent device failure.
Functionality at or above these limits is not implied or
recommended. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . .0
°C to +70°C
Supply Voltages (VDDIO, VDD, VDDTX) . . . . . +5 V ±5%
Supply Voltages (VDDIO) . . . . . . . . . . . . . . +3.3 V ±5%
Operating ranges define those limits between which
the functionality of the device is guaranteed.
DC CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Digital Interface Input Voltage
VIL
Input LOW Voltage
-
0.8
V
VIH
Input HIGH Voltage
2.0
VDDIO + 0.5
V
Digital Interface Output Voltage
VOL
Output LOW Voltage
IOL = 4.0 mA
0.4
V
VOH
Output HIGH Voltage
VDDIO = 5.0 Volts
IOH = -0.4 mA
2.4
-
V
VOH1
Output HIGH Voltage
(QRX_VALID, QRX_DATA,
QRX_CRS, QCLSN, MDIO)
VDDIO = 3.3 Volts
IOH = -0.4 mA
2.4
-
V
Digital Input Leakage
IIH
Input Leakage Current High
0<VIN < VDDIO
-10
µA
IIL
Input Leakage Current Low
0<VIN < VDDIO
-
-10
µA
Attachment Unit Interface (AUI)
IIAZD
Input Current at DI+ and DI-
VSSAUI <VIN <VDD
-500
+500
µA
IIAXC
Input Current at CI+ and CI-
VSSAUI <VIN <VDD
-500
+500
µA
VAOD
Differential Output Voltage
|(DO+)-(DO-)|
RL = 80.4
Ω
620
1100
mV
VAODOFF
Transmit Differential Output Idle
Voltage
RL = 80.4
Ω
-40
+40
mV
IAODOFF
Transmit Differential Output Idle
Current
RL = 80.4
Ω
(Note 1)
-1
+1
mA
VAOCM
Transmit Output Common Mode
Voltage
RL = 80.4
Ω
2.5
VDD
V
VAODI
DO
± Differential Output
Voltage Imbalance
RL = 80.4
Ω
-25
+25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com