Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C989 Datasheet HTML 1Page - Advanced Micro Devices AM79C989 Datasheet HTML 2Page - Advanced Micro Devices AM79C989 Datasheet HTML 3Page - Advanced Micro Devices AM79C989 Datasheet HTML 4Page - Advanced Micro Devices AM79C989 Datasheet HTML 5Page - Advanced Micro Devices AM79C989 Datasheet HTML 6Page - Advanced Micro Devices AM79C989 Datasheet HTML 7Page - Advanced Micro Devices AM79C989 Datasheet HTML 8Page - Advanced Micro Devices AM79C989 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21173
Rev: B Amendment/+2
Issue Date: April 1997
Am79C989
Quad Ethernet Switching Transceiver (QuEST™)
DISTINCTIVE CHARACTERISTICS
s Four independent 10BASE-T transceivers
compliant with the IEEE 802.3 standard
s Four digital Manchester Encode/Decode
(MENDEC) units
s On-chip filtering enables FCC EMI compliance
without external filters or common mode
chokes
s Automatic polarity Correction and Detection on
10BASE-T receivers
s Optional Attachment Unit Interface (AUI) for
non-10BASE-T transceivers
s 10BASE-T Extended Distance option
accommodate lines longer than 100 meters
s Quad AMD Switching Interface (QuASI™)
interface reduces overall pin count
s Half-Duplex and Full-Duplex operation
s Auto-Negotiation compliant with IEEE 802.3u
Standard
s Standard MII management interface and
protocol
s Status Change Interrupt output pin for fast
response time to changed conditions
s 44-pin PLCC CMOS device
s 5 V supply with 3.3 V system interface
compatibility
GENERAL DESCRIPTION
The Am79C989 Quad Ethernet Switching Transceiver
(QuEST™) is a four-port physical layer (PHY) device
that provides all of the analog functions needed for a
10BASE-T switch, including four independent
Manchester Encode/Decode units (MENDECs) and
four independent 10BASE-T transceivers. If the AUI
port is used for a 10BASE-2, 10BASE-5, or
10BASE-FL transceiver, one of the four 10BASE-T
ports is disabled.
The QuEST device is designed for 10 Mbps Ethernet
switching hubs, port switching repeater hubs, routers,
bridges, and servers that require data encoding and
clock recovery on a per port basis and are limited by pin
constraints. Clock recovery is performed as part of the
MENDEC function. The QuEST device supports every
physical layer function of a full-featured switch, includ-
ing full-duplex operation with Auto-Negotiation and the
ability to use various media types.
A unique feature of the QuEST device is the Quad AMD
Switching Interface (QuASI) which multiplexes the data
for all four channels into one set of pins. This minimizes
the pin count and size of the QuEST device and sub-
stantially reduces overall system cost.
The QuEST device provides a 2-pin Media Indepen-
dent Interface (MII) Management Interface which sup-
ports the protocols specified in the IEEE 802.3u
standard. Controlled by the switch system, this inter-
face allows the QuEST device to be polled for status in-
formation and allows operating parameters of the
QuEST device, such as extended distance operation,
to be altered.
The Am79C989 device provides an Interrupt pin to in-
dicate changes in the internal status of the device. The
interrupt function reduces CPU polling of status regis-
ters and allows fast response time to changes in phys-
ical layer conditions.


Similar Part No. - AM79C989

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C989 PULSE-AM79C989 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C989

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Advanced Micro Devices
AM79C988A AMD-AM79C988A Datasheet
184Kb / 25P
Quad Integrated Ethernet Transceiver (QuIET??
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
logo
Broadcom Corporation.
BCM5466RA0KFBG BOARDCOM-BCM5466RA0KFBG Datasheet
204Kb / 2P
QUAD-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com