Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 17Page - Advanced Micro Devices AM79C989 Datasheet HTML 18Page - Advanced Micro Devices AM79C989 Datasheet HTML 19Page - Advanced Micro Devices AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices AM79C989 Datasheet HTML 22Page - Advanced Micro Devices AM79C989 Datasheet HTML 23Page - Advanced Micro Devices AM79C989 Datasheet HTML 24Page - Advanced Micro Devices AM79C989 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Am79C989
21
PRELIMINARY
Device ID Registers (Reg 2-3)
Device ID Registers (Reg 2-3) contain Read/Only
(R/O) bits. Registers 2 and 3 designate a unique De-
vice ID: the manufacturer ID is designated by Reg 2 bits
15:0 and Reg 3 bits 15:10; the model number is desig-
nated by Reg 3 bits 9:4; the Revision Number is desig-
nated by Reg 3 bits 3:0. This register is not duplicated
for each port.
Table 9.
Register 2
Table 10.
Register 3
Auto-Negotiation Advertisement Register (Reg 4)
The Auto-Negotiation Advertisement Register (Reg 4)
contains Read/Write (R/W) or Read/Only (R/O) bits.
This register contains the advertised ability of the
QuEST device. This register is duplicated on a per port
basis. The purpose of this register is to advertise the
technology ability to the link partner device. When this
register is modified, Restart Auto-Negotiation (Reg 0,
bit 9) must be set to advertise the change.
Table 11.
Auto-Negotiation Advertisement Register (Reg 4)
Note: When this register is modified, Restart Auto-Negotiation (Reg 0, bit 9) must be set to advertise the change.
Bit(s)
Name
Description
Read/Write
Default/Reset
(binary)
Default/Reset
(Hex)
15:0
PHY_ID[31:16]
Bits 3-18 of the IEEE Organizationally
Unique Identifier.
R/O
0000 0000
0000 0000
0000
Bit(s)
Name
Description
Read/Write
Default/Reset
(binary)
Default/Reset
(Hex)
15:10
PHY_ID[15:10]
Bits 19-24 of the IEEE Organizationally
Unique Identifier.
R/O
01
1010
1A
9:4
PHY_ID[9:4]
QuEST Model Number
R/O
01
1111
1F
3:0
PHY_ID[3:0]
Revision Number
R/O
0000
0
Bit(s)
Name
Description
Read/
Write
Default/
Reset
15
Next Page
1 = Next page exchange requested;
0 = Next page exchange not requested.
R/W
0
14
Reserved
Written and read as zero.
R/O
0
13
Remote Fault
1 = Remote fault bit is inserted into the base link code word during
the Auto-Negotiation process;
0 = The base link code work will have the bit position for remote fault
as cleared.
R/W
0
12:11
Reserved
Written and read as zero.
R/O
0
10:7
Reserved
Written and read as zero.
R/O
0
6
Full Duplex
1 = Full Duplex capability is advertised;
0 = Full Duplex capability is not advertised.
R/W
0
5
Half duplex
1 = Half Duplex capability is advertised;
0 = Half Duplex capability is not advertised
R/W
1
4:0
Selector Field
The QuEST device is an IEEE 802.3 compliant device.
R/O
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com