Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C989 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 9Page - Advanced Micro Devices AM79C989 Datasheet HTML 10Page - Advanced Micro Devices AM79C989 Datasheet HTML 11Page - Advanced Micro Devices AM79C989 Datasheet HTML 12Page - Advanced Micro Devices AM79C989 Datasheet HTML 13Page - Advanced Micro Devices AM79C989 Datasheet HTML 14Page - Advanced Micro Devices AM79C989 Datasheet HTML 15Page - Advanced Micro Devices AM79C989 Datasheet HTML 16Page - Advanced Micro Devices AM79C989 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Am79C989
13
PRELIMINARY
FUNCTIONAL DESCRIPTION
Overview
The QuEST device is a highly integrated physical layer
solution for twisted pair 10-Mbps Ethernet applications.
There are three main sets of interfaces to the QuEST.
On the network side, there are the 10BASE-T transmit
and receive interfaces and one Attachment Unit Inter-
face (AUI). On the system side, there are the QuASI In-
terface and the Management Interface.
The QuEST device supports four independent ports,
each consisting of a 10BASE-T transceiver with
on-chip filtering and a Manchester encode/decode unit.
The QuEST device incorporates transmit drivers which
shape the Manchester waveform and facilitate filterless
operation.
The QuEST device provides the option of implementing
an AUI suitable for coaxial and fiber MAUs. When the
AUI is used, 10BASE-T port 0 is disabled. Ports 1, 2,
and 3 remain for 10BASE-T use.
Each 10BASE-T channel is composed of these main
circuits: 10BASE-T driver, 10BASE-T receiver, Link In-
tegrity with Auto-Negotiation, Manchester Encoding,
Manchester Decoding, and Elasticity FIFO. Shared
circuits are the following: the QuASI Interface and the
Management Interface with Configuration and Status
Registers.
The QuEST device supports Auto-Negotiation as de-
fined by the IEEE 802.3u standard. If the two pieces of
networking equipment at each end of a physical link are
both capable of Auto-Negotiation, they can exchange
information about their respective capabilities and po-
tentially agree to move to a different mode of operation.
In the case of the QuEST device, the primary capability
it can advertise is full-duplex operation, offering the po-
tential of a 20-Mbps link instead of 10 Mbps. The
QuEST device also supports “Next Page,” offering the
flexibility to add new features in the future.
The QuASI is a unique feature of the QuEST device.
This serial interface multiplexes the data for all four se-
rial channels onto one set of pins similar to AMD’s Gen-
eral Purpose Serial Interface (GPSI). This interface
runs at 40 MHz, providing a data rate for these pins four
times faster than a standard 10-Mbps serial interface.
This approach reduces the pin count and size of the
QuEST device, as well as substantially reducing the
number of pins needed to interface the QuEST device
to the switching device.
The QuEST device has a 2-pin Management Interface,
controlled by the system switch, which allows the
QuEST device to be polled for status information. This
interface supports the MII protocols specified in the
IEEE 802.3u standard. Of the two pins, MDC is the
management clock and MDIO is the bidirectional data
and control signal.
To further optimize operation, the QuEST device has
been designed so that an interrupt mode can be se-
lected to reduce delay associated with polling the sta-
tus registers.
The QuEST device is designed to easily and reliably in-
terface to systems using either 3.3 V or 5 V supplies.
This is accomplished by having a separate power sup-
ply pin, VDDIO, which can be connected to either a 3.3
V or a 5 V supply. The digital interface pins of the QuASI
interface and the Management Interface are the only
pins affected by the choice of supply.
10BASE-T Interface
The 10BASE-T interface section is composed of sev-
eral circuits and logic blocks: 10BASE-T transmitter,
10BASE-T receiver, Collision, and Link Integrity with
Auto-Negotiation. The QuEST device contains four
identical 10BASE-T circuits.
10BASE-T Transmitter
The 10BASE-T transmitter is composed of several im-
portant sub circuits. The major function of the 10BASE-
T driver is to impart an analog waveform in Manchester
format which adheres to the IEEE 802.3i 10BASE-T
specification. The transmitter consists of a 10BASE-T
driver with on-chip filtering, Jabber timer, and provi-
sions to generate Link pulses for Link Integrity and
Auto-Negotiation functions.
Driver
The QuEST device incorporates a waveform driver,
eliminating the need for off-chip filters. The driver circuit
requires a 5 V supply. The 10BASE-T driver circuit
shapes the analog waveform in a pre-distorted manner,
emulating the effect of an external filter. The transmitter
requires a 110-
Ω (1% tolerance) resistor connected in
parallel with the TXD pins. The waveform generated is
compliant with the IEEE 802.3i Ethernet specification.
During idle periods, 10BASE-T driver pins float to a
high impedance state at mid-supply voltage. During
idle periods, power consumption is minimized.
Jabber Condition
The 10BASE-T transmit circuit includes a Jabber timer
which prevents the transmission of an excessively long
frame. The Jabber condition is invoked when a frame
longer than 30 ms is transmitted from the QuASI inter-
face to the 10BASE-T driver. When the Jabber condi-
tion is invoked, the transmit enable must be held
inactive for approximately 0.5 seconds to allow the Jab-
ber condition to reset. The Jabber timer provides a sim-
ple method to protect the network from excessively
long frames. When the Jabber condition is invoked, the
Collision indication will be asserted if the Link Integrity
state machine is in the pass state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com