Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 20Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 21Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 22Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 23Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 24Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 25Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 26Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 27Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
AmMCL00XA
PR EL IMIN A R Y
AC CHARACTERISTICS
Write Operations (Erase/Program)
Parameter Symbols
Parameter Description
-150
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time
Min
150
ns
tWLWH
WE# pulse width
Min
50
ns
tELGL
tELWL
CE# setup time to WE# or OE# active
Min
0
ns
tAVGL
tAVWL
Address setup time to WE# or OE# active
Min
0
ns
tDVWH
Data setup time to WE# inactive
Min
50
ns
tWHDX
Data hold time from WE# inactive
Min
0
ns
tWHAX
Address hold time from WE# inactive
Min
0
ns
tWHEH
CE# hold time from WE# inactive
Min
0
ns
tRP
RESET# Pulse Width
Min
500
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
90
ns
tWHWH1
Programming Operation
Typ
9
Max
300
µs
tWHWH2
Sector Erase Operation
Typ
1.5
Max
15
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com