Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 27Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 28Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 29Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 30Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 31Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 32Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 33Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 34Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AmMCL00XA
31
PRELIMIN ARY
Table 13.
PC Card Compatibility Memory Assignments
Address
Values
Description
00h
01h
TPL_CODE CISTPL_DEVICE
01h
03h
TPL_LINK
02h
53
Device ID
03h
2 MB = 7C, 4 MB = FC
Device Size
04h
FF
End of CISTPL_DEVICE
05h
1Ch
TPL_CODE CISTPL_DEVICE_OC
06h
03h
TPL_LINK
07h
53h
Device ID
08h
2MB = 7C; 4MB = FC
Device Size
09h
FFh
End of CISTPL_DEVICE_OC
0Ah
00h
CISTPL_NULL
0Bh
00h
CISTPL_NULL
0Ch
00h
CISTPL_NULL
0Dh
00h
CISTPL_NULL
0Eh
80h
TPL_CODE CISTPL_MINI
0Fh
F0h
TPL_LINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com