Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 5Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 6Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 7Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 8Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 9Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 10Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 11Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 12Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AmMCL00XA
9
PRELIMIN ARY
Data Accesses
The Miniature Card has a 16-bit data bus that can
accommodate word or byte accesses. By individually
asserting CEL# and CEH#, a host can access either
byte. However, byte swapping (moving the high byte
data to the low byte) is not supported.
Figure 2 shows the connections between the host and
Miniature Card. The host system address lines range
from A0–A25, whereas the Miniature Card address
lines range from A0–A24. On the host, A0 and the
byte/word line are sent to a decoder and output to
CEL# and CEH# on the Miniature Card. These two bits
enable a single device for byte accesses and two
devices for word accesses, as shown by the decoder
truth table in Figure 2. Again, the Miniature Card
address lines do not receive input from host address bit
A0. In this document, all address references are
card
addresses, unless otherwise noted. Table 4 shows the
read/write modes for Miniature Cards.
*
Not connected
**
Not connected on 2 Mbyte card
Figure 2.
Host/Card Address Connections
Word-Wide Operations
The AMD Miniature Card provide the flexibility to
operate on data in a byte-wide or word-wide format. In
word-wide operations, the low bytes are controlled with
CEL#. The high bytes are controlled with CEH#. Refer to
the block diagram for more information.
Byte-Wide Operations
Byte-wide data is available for read and write opera-
tions (CEL# = 0, CEH# = 1). Even and odd bytes are
stored in separate memory devices (for example, S0
and S1) and are accessed by controlling CEL# and
CEH#. The even byte is the low order byte and the odd
byte is the high order byte of a 16-bit word.
Each memory sector or device pair must be addressed
separately for erase operations. Refer to the block
diagram for more information.
Card Detection
Each CD# (output) pin should be detected by the host
system to determine if the memory card is adequately
seated in the socket. CD# and CINS# are internally tied
to ground. If both bits are not detected, the system
should indicate that the card must be re-inserted.
Data Protection
An optional mechanical write protect switch provides
user-initiated write protection. When this switch is acti-
vated, WE# is internally forced high. The Flash memory
command register is disabled from accepting any write
commands. This prevents the card from responding to
any commands (for example, an Autoselect com-
mand). See Figure 3.
Byte/Word
A0
A1
CEH#
CEL#
A0
A24
A23*
A24*
A23
A22*
A22
A21*
60-Pad Connector
A2
A1
Decoder
Decoder Truth Table
Input
Output
A0
B/W
CEL#
CEH#
0000
0101
1000
1110
A20**
A21
Card Bus
A25
21138E-3
Host Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com