Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 24Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 25Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 26Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 27Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 28Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 29Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 30Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 31Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
AmMCL00XA
PR EL IMIN A R Y
AC CHARACTERISTICS-ALTERNATE CE# CONTROLLED WRITES
Write/Erase/Program Operations
Notes:
1. Rise/fall time
≤10 ns.
2. Maximum specification not needed due to the internal stop timer that will stop any erase or write operation that exceed the
device specification.
3. Card Enable Controlled Programming:
Flash Programming is controlled by the valid combination of the Card Enable (CE1#, CE2#) and Write Enable (WE#) signals.
For systems that use the Card Enable signal(s) to define the write pulse width, all setup, hold, and inactive write enable timing
should be measured relative to the Card Enable signal(s).
4. Under worst case condition of 90
° C, Vcc = 2.7 V, 100,000 cycles. Excludes system level overhead, the time required to
execute the four bus cycle command necessary to program each byte.
Parameter Symbols
Parameter Description
-150
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time
Min
150
ns
tAVEL
tAS
Address Setup Time
Min
10
ns
tELAX
tAH
Address Hold Time
Min
50
ns
tDVEH
tDS
Data Setup Time
Min
50
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGLDV
tOEH
Output Enable Hold Time for Embedded Algorithm
Min
10
ns
tGHEL
Read Recovery Time before Write
Min
0
µs
tWLEL
tWS
WE# Setup Time before CE#
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
50
ns
tEHEL
tCPH
CE# Pulse Width HIGH (Note 3)
Min
20
ns
tEHEH3
Embedded Programming Operation (Notes 3,4)
Typ
9
Max
300
µs
tEHEH4
Embedded Erase Operation for each 64K byte Memory
Sector (Notes 1, 2)
Typ
1.5
Max
15
s
tVCS
VCC Setup Time to Write Enable LOW
Min
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com