Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 8Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 9Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 10Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 11Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 12Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 13Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 14Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 15Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
AmMCL00XA
PR EL IMIN A R Y
changed. While in sleep mode, output data is latched
and always available to the system.
Command Definitions
Each memory device contains a command register,
which is a latch that saves address, commands, and
data information used by the state machine and
memory array. The state machine is active when V
CC is
greater than VLKO (2.3 - 2.5 V). This is required for valid
program and erase operations.
When Write Enable (WE#) and appropriate CE#
signals are at a logic-low level, and Output Enable
(OE#) is at a logic-high, the command register is
enabled for write operations. The falling edge of WE#
or CE#, whichever occurs later, latches address infor-
mation and the rising edge of WE# or CE#, whichever
occurs first, latches data/command information.
Commands are accomplished by writing non-specific
address and specific data sequences into the com-
mand register of accessed Flash memory devices.
Writing incorrect address and data values or writ-
ing them in the improper sequence will reset the
device to the read mode.
The byte-wide commands are defined in Tables 6 and
7; word-wide commands are defined in Table 5. Note
that the Erase Suspend (B0h) and Erase Resume
(30h) commands are valid only while the Sector Erase
operation is in progress.
Autoselect Operation
A host system or external card reader/writer can deter-
mine the on-card manufacturer and device I.D. codes.
Codes are available after writing the 90h command to
the command register of a memory device, as shown in
Tables 5 through 7. When the autoselect command is
issued to card address 00000h, the Miniature Card
returns the manufacturer I.D. If the autoselect
command is issued to card address 00001h, the Minia-
ture Card provides the device I.D.
To terminate the autoselect operation, the Read/Reset
command sequence must be written to the same
device. The Autoselect command operates only if the
card is not write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com